Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3544 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3544
Description  Quad Port USB Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3544 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3544 Datasheet HTML 7Page - Texas Instruments LM3544 Datasheet HTML 8Page - Texas Instruments LM3544 Datasheet HTML 9Page - Texas Instruments LM3544 Datasheet HTML 10Page - Texas Instruments LM3544 Datasheet HTML 11Page - Texas Instruments LM3544 Datasheet HTML 12Page - Texas Instruments LM3544 Datasheet HTML 13Page - Texas Instruments LM3544 Datasheet HTML 14Page - Texas Instruments LM3544 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Typical Applications (Continued)
the LM3544 can be configured to switch the power connec-
tion of a device between two separate sources is shown in
Figure 8, below.
In the example, the logic signals EN and SRC control the
power supply connections. If the EN signal is low, all four
LM3544 switches will be open and neither supply will be
connected to the bus. If EN and SRC are both high, switch 1
and switch 3 close, connecting the main power supply to the
two bus power outputs. When EN is high and SRC is low, the
auxiliary supply is connected to the power outputs through
switches 2 and 4.
In order to allow the power-switching circuit to smoothly
transition from one supply to another, delay networks must
be placed before the enable pins. These delay networks
account for the turn-on delay of the LM3544 switches by
slowing the fall time of the enable signals. Rise times of
these signals are not affected by the delay networks. Glitch
free transition is assured as long as both supplies remain
within operating specifications for a minimum of 5 ms after
the logic signal SRC is toggled.
10120830
FIGURE 8. Using the LM3544 in a Wake-on-USB Application
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com