Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3560TLX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560TLX/NOPB
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560TLX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3560TLX/NOPB Datasheet HTML 17Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 18Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 19Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 20Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 21Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 22Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 23Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 24Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
tBLANK
(15.24s)
tPERIOD
tPERIOD
tPERIOD
(1.016s)
(1.016s)
(1.016s)
tACTIVE
(3.048s)
tPERIOD
tBLANK
(5.08s)
(1.016s)
IIND
tBLANK
tR
tF
tPULSE
tPULSE
tPERIOD
tR
tF
tPULSE
tPULSE
tPERIOD
LM3560
www.ti.com
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
Figure 32. Message Indicator Timing Diagram
MESSAGE INDICATOR EXAMPLE 1 (Single Pulse with Dead Time):
As an example, to set up the message indicator for a 312 ms ramp-up and ramp-down, 192 ms pulse width, and
1 pulse followed by a 5s delay. The indicator settings will be as follows. tR = tF = 312 ms, tWIDTH = 192 ms (tPERIOD
= 312 ms x 2 + 192 ms x 2 = 1016 ms). BLANK# setting will be: 5s/1016 ms x 1 (PERIOD# = 1). Giving a
BLANK# setting of 5. The resulting waveform will appear as:
Figure 33. Message Indicator Example 1
MESSAGE INDICATOR EXAMPLE 2 (Multiple Pulses with Dead Time):
Another example has the same tR, tF, tPULSE, and tBLANK times as before, but this time the PERIOD# is set to 3.
Now the tACTIVE time is tPERIOD × 3 = 1016 ms × 3 = 3048 ms. This results in a blank time of tBLANK = tACTIVE ×
BLANK# = 3.048s × 5 = 15.24s
Figure 34. Message Indicator Example 2
UPDATING THE MESSAGE INDICATOR
The best way to update the message indicator is to disable the Message Indicator output via the Enable Register
bit [6], then write the new sequence to the Indicator Register and/or Indicator Blinking Register, and then re-
enable the Message Indicator. Updating the Indicator Registers while it is active can lead to long delays between
pattern changes. This is especially true if the PERIOD#, or BLANK# setting is changed from a high setting to a
lower setting.
NTC MODE
Writing a (1) to Configuration Register 1 bit [4] configures the LEDI/NTC pin for NTC mode. In this mode the
indicator current source is disabled, and LEDI/NTC becomes the positive input to the an internal comparator.
NTC mode operates as a LED current interrupt that is triggered when the voltage at LEDI/NTC goes below 1V.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com