Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3560TLX/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560TLX/NOPB
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560TLX/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM3560TLX/NOPB Datasheet HTML 33Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 34Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 35Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 36Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 37Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 38Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 39Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 40Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
LM3560
www.ti.com
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
Table 17. Flags Register Descriptions (continued)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(VIN Monitor)
(VIN Flash
(NTC Fault)
(TX2
(TX1 Interrupt )
(LED Fault)
(Thermal
(Flash Time-
Monitor)
Interrupt)
Shutdown)
out)
1 = VIN
1 = VIN Flash
1 = NTC mode
1 = TX2 has
1 = TX1 has
1 = LED Failed
1 = Die
1 = Flash Time-
Monitor is
Monitor is
is enabled and
changed state
changed state
(Open or
Temperature
Out Expired
enabled and
enabled and
LEDI/NTC has
(TX2 mode
(TX1 mode only)
Short)
has crossed
VIN has fallen
VIN fell below
fallen below 1V only)
the Thermal
below the
the
Shutdown
programmed
programmed
Threshold
threshold
VIN Flash
Monitor
threshold
during flash
pulse turn-on
CONFIGURATION REGISTER 1 (Address 0xE0)
Configuration Register 1 holds the STROBE Enable bit, the STROBE polarity bit, the NTC Enable bit, the polarity
selection bit for TX1 and TX2, and the Hardware Torch Enable bit (see Table 18).
Table 18. Configuration Register 1 Descriptions
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(Hardware
(TX2 Polarity)
(TX1 Polarity)
(NTC Mode
(STROBE
(STROBE
(Not Used)
(Not Used)
Torch Mode
Enable)
Polarity)
Input Enable)
Enable)
0 =
0 = TX2 is
0 = TX1 is
0 = LEDI/NTC
0 = STROBE
0 = STROBE
N/A
N/A
TX1/TORCH is
configured for
configured for
pin is
Input Enable is
Input Disabled
a TX
active low
active low
configured as
active low.
(Default)
input(default)
polarity
polarity
an indicator
Pulling
output (default) STROBE low
will turn on
Flash current
1 =
1 =TX2 pin is
1 = TX1 is
1 = LEDI/NTC
1 = STROBE
1 = STROBE
TX1/TORCH
configured for
configured for
is configured as Input is active
Input Enabled
pin is a
active high
active high
a comparator
high. Pulling
hardware
polarity
polarity
input for an
STROBE high
TORCH
(default)
(default)
NTC thermistor
will turn on
enable. This bit
Flash current
is reset to 0
(default)
after a flash
pulse.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com