Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3561TMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3561TMX/NOPB
Description  Synchronous Boost Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3561TMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM3561TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
A1
A2
B1
B3
Top View
A3
C1
C3
D2
D1
D3
B2
C2
LM3561
SNOSB44C – MARCH 2011 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The main features of the LM3561 include: an I2C-compatible interface for controlling the LED current, a hardware
Flash enable input for direct triggering of the Flash pulse, dual TX inputs (TX1 and TX2) which force the Flash
pulse into a low-current Torch mode during high battery current instances, an active high hardware enable
(HWEN) allowing for fast hardware shutdown during system software failures, a dual mode pin which serves as
either an indicator LED driver at up to 18mA or as a dedicated comparator input with an internal 1V reference,
designed to monitor the voltage across a negative temperature coefficient thermistor (NTC), and a programmable
input voltage monitor which monitors IN and can reduce the flash current or shutdown the device during low
battery conditions.
Seven fault flags are available for read back over the I2C-compatible bus. These include: a flash timeout flag
indicating the flash pulse has reached the end of the programmable timeout duration, a thermal shutdown flag
indicating the LM3561's die temperature has exceeded 150°C, an LED fault flag indicating the output voltage has
tripped the over-voltage threshold, or the LED has become shorted, TX1 and TX2 interrupt flags indicating if
either of the TX inputs have been triggered, an NTC flag indicating the LED has experienced an over
temperature condition, and a VIN Monitor flag indicating the input voltage has fallen below the VIN Monitor
threshold.
The LM3561 is available in a tiny (1.215mm × 1.615mm × 0.6mm) 12-bump DSBGA and operates over the
temperature range -40°C to +85°C.
Table 1. Application Circuit Component List
Component
Manufacturer
Value
Part Number
Size (mm)
Rating
L
TDK
1µH
MLP2520-1R0
2x2.5x1.2
1.5A
COUT
Murata
10µF
GRM188R60J106M
1.6×0.8×0.8 (0603)
6.3V
CIN
Murata
10µF
GRM188R60J106M
1.6×0.8×0.8 (0603)
6.3V
LEDs
Lumiled
3.6V@1A
LXCL-PWF4
1.5A
Connection Diagram
Figure 3. DSBGA Package
see package number YFQ0012AAA
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com