Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3561TMX/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM3561TMX/NOPB
Description  Synchronous Boost Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3561TMX/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3561TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 27Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 28Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 29Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 30Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 31Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
where
IN
IN
OUT
(
)
- V
V
x
V
L =
I
'
OUT
SW
V
x
L
x
f
x
2
I
+
x
R
=
V
L
ESR
ESR
'
'
V
x
I
OUT
LED
VIN
¹
·
©
§
Q =
V
'
(
)
IN
OUT
LED
- V
V
x
I
OUT
OUT
SW
C
x
V
x
f
LM3561
SNOSB44C – MARCH 2011 – REVISED MAY 2013
www.ti.com
APPLICATIONS INFORMATION
OUTPUT CAPACITOR SELECTION
The LM3561 is designed to operate with a at least a 10µF ceramic output capacitor. When the boost converter is
running the output capacitor supplies the load current during the boost converters on-time. When the NMOS
switch turns off the inductor energy is discharged through the internal PMOS switch supplying power to the load
and restoring charge to the output capacitor. This causes a sag in the output voltage during the on-time and a
rise in the output voltage during the off-time. The output capacitor is therefore chosen to limit the output ripple to
an acceptable level depending on load current and input/output voltage differentials and also to ensure the
converter remains stable.
For proper LED operation the output capacitor must be at least a 10µF ceramic. Larger capacitors such as 22µF
can be used if lower output voltage ripple is desired. To estimate the output voltage ripple considering the ripple
due to capacitor discharge (
ΔVQ) and the ripple due to the capacitors ESR (ΔVESR) use the following equations:
For continuous conduction mode, the output voltage ripple due to the capacitor discharge is:
(1)
The output voltage ripple due to the output capacitors ESR is found by:
(2)
In ceramic capacitors the ESR is very low so assume that 80% of the output voltage ripple is due to capacitor
discharge and 20% from ESR. Table 14 lists different manufacturers for various output capacitors and their case
sizes suitable for use with the LM3561.
INPUT CAPACITOR SELECTION
Choosing the correct size and type of input capacitor helps minimize the voltage ripple caused by the switching
of the LM3561’s boost converter and reduces noise on the devices input terminal that can feed through and
disrupt internal analog signals. In the Typical Application Circuit a 10µF ceramic input capacitor works well. It is
important to place the input capacitor as close as possible to the LM3561’s input (IN) terminals. This reduces the
series resistance and inductance that can inject noise into the device due to the input switching currents.
Table 14 lists various input capacitors recommended for use with the LM3561.
Table 14. Recommended Input/Output Capacitors (X5R Dielectric)
Manufacturer
Part Number
Value
Case Size
Voltage Rating
TDK Corporation
C1608JB0J106M
10µF
0603(1.6mm×0.8mm×0.8mm)
6.3V
TDK Corporation
C2012JB1A106M
10µF
0805(2mm×1.25mm×1.25mm)
10V
TDK Corporation
C2012JB0J226M
22µF
0805(2mm×1.25mm×1.25mm)
6.3V
Murata
GRM21BR61A106KE19
10µF
0805(2mm×1.25mm×1.25mm)
10V
Murata
GRM21BR60J226ME39L
22µF
0805(2mm×1.25mm×1.25mm)
6.3V
INDUCTOR SELECTION
The LM3561 is designed to use a 1µH to 2.2µH inductor. Table 15 lists various inductors that can work well with
the LM3561. When the device is boosting (VOUT > VIN) the inductor will typically be the biggest area of efficiency
loss in the circuit. Therefore, choosing an inductor with the lowest possible series resistance is important.
Additionally, the saturation rating of the inductor should be greater than the maximum operating peak current of
the LM3561. This prevents excess efficiency loss that can occur with inductors that operate in saturation. For
proper inductor operation and circuit performance ensure that the inductor saturation and the peak current limit
setting of the LM3561 is greater than IPEAK. This can be calculated by:
28
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com