Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8432V Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8432V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8432V Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button DP8432V Datasheet HTML 32Page - National Semiconductor (TI) DP8432V Datasheet HTML 33Page - National Semiconductor (TI) DP8432V Datasheet HTML 34Page - National Semiconductor (TI) DP8432V Datasheet HTML 35Page - National Semiconductor (TI) DP8432V Datasheet HTML 36Page - National Semiconductor (TI) DP8432V Datasheet HTML 37Page - National Semiconductor (TI) DP8432V Datasheet HTML 38Page - National Semiconductor (TI) DP8432V Datasheet HTML 39Page - National Semiconductor (TI) DP8432V Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
100 Dual Accessing (DP8432V) (Continued)
Since the DP8432V has only one set of address inputs the
signal is used with the addition of buffers to allow the cur-
rently granted port’s addresses to reach the DP8432V The
signals which need to be bufferred are R0 – 10 C0 – 10
B0 – 1 ECAS0–3 WE and LOCK All other inputs are not
common and do not have to be buffered as shown in
Figure
32a If a Port which is not currently granted tries to access
the DRAM array the GRANTB output will transition from a
rising clock edge from AREQ or AREQB negating and will
precede the RAS for the access by one or two clock peri-
ods GRANTB will then stay in this state until the other port
requests an access and the currently granted port is not
accessing the DRAM as shown in
Figure 32b
TLF11118 – 53
If Port B is synchronous the Request Synchronizing logic will not be required
FIGURE 32a Dual Accessing with the DP8432V (System Block Diagram)
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com