Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8432V Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8432V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8432V Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button DP8432V Datasheet HTML 39Page - National Semiconductor (TI) DP8432V Datasheet HTML 40Page - National Semiconductor (TI) DP8432V Datasheet HTML 41Page - National Semiconductor (TI) DP8432V Datasheet HTML 42Page - National Semiconductor (TI) DP8432V Datasheet HTML 43Page - National Semiconductor (TI) DP8432V Datasheet HTML 44Page - National Semiconductor (TI) DP8432V Datasheet HTML 45Page - National Semiconductor (TI) DP8432V Datasheet HTML 46Page - National Semiconductor (TI) DP8432V Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
130 AC Timing Parameters (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 DRAMs
per bank including trace capacitance (Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 10 and WE or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 10 and WE
Common Dual Access
DP8430V31V32V-33
Number
Symbol
Parameter Description
CL
CH
Min
Max
Min
Max
100
tHCKARQB
AREQB Negated Held from CLK High
2
2
101
tSARQBCK
AREQB Asserted Setup to CLK High
5
5
102
tPAQBRASL
AREQB Asserted to RAS Asserted
29
33
103
tPAQBRASH
AREQB Negated to RAS Negated
24
28
105
tPCKRASG
CLK High to RAS Asserted for
37
41
Pending Port B Access
106
tPAQBATKBL
AREQB Asserted to ATACKB Asserted
37
37
107
tPCKATKB
CLK High to ATACKB Asserted
45
45
for Pending Access
108
tPCKGH
CLK High to GRANTB Asserted
28
28
109
tPCKGL
CLK High to GRANTB Negated
26
26
110
tSADDCKG
Row Address Setup to CLK High That
Asserts RAS following a GRANTB
7
11
Change to Ensure tASR e 0 ns for Port B
111
tSLOCKCK
LOCK Asserted Setup to CLK Low
44
to Lock Current Port
112
tPAQATKBH
AREQ Negated to ATACKB Negated
16
16
113
tPAQBCASH
AREQB Negated to CAS Negated
38
45
114
tSADAQB
Address Valid Setup to
610
AREQB Asserted
116
tHCKARQG
AREQ Negated Held from CLK High
5
5
117
tWAQB
AREQB High Pulse Width
17
19
to Guarantee tASR e 0ns
118a
tPAQBCAS0
AREQB Asserted to CAS Asserted
79
86
(tRAH e 15 ns tASC e 0 ns)
118b
tPAQBCAS1
AREQB Asserted to CAS Asserted
89
96
(tRAH e 15 ns tASC e 10 ns)
118c
tPAQBCAS2
AREQB Asserted to CAS Asserted
89
96
(tRAH e 25 ns tASC e 0 ns)
118d
tPAQBCAS3
AREQB Asserted to CAS Asserted
99
106
(tRAH e 25 ns tASC e 10 ns)
120a
tPCKCASG0
CLK High to CAS Asserted
for Pending Port B Access
84
91
(tRAH e 15 ns tASC e 0 ns)
120b
tPCKCASG1
CLK High to CAS Asserted
for Pending Port B Access
94
101
(tRAH e 15 ns tASC e 10 ns)
120c
tPCKCASG2
CLK High to CAS Asserted
for Pending Port B Access
94
101
(tRAH e 25 ns tASC e 0 ns)
120d
tPCKCASG3
CLK High to CAS Asserted
for Pending Port B Access
104
111
(tRAH e 25 ns tASC e 10 ns)
121
tSBADDCKG
Bank Address Valid Setup to CLK
High That Starts RAS
55
for Pending Port B Access
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com