Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4849 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4849
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4849 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4849 Datasheet HTML 8Page - National Semiconductor (TI) LM4849 Datasheet HTML 9Page - National Semiconductor (TI) LM4849 Datasheet HTML 10Page - National Semiconductor (TI) LM4849 Datasheet HTML 11Page - National Semiconductor (TI) LM4849 Datasheet HTML 12Page - National Semiconductor (TI) LM4849 Datasheet HTML 13Page - National Semiconductor (TI) LM4849 Datasheet HTML 14Page - National Semiconductor (TI) LM4849 Datasheet HTML 15Page - National Semiconductor (TI) LM4849 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Typical Performance Characteristics (Continued)
Crosstalk
Output Power
vs Supply voltage
20076749
20076754
Output Power
vs Supply Voltage
Supply Current
vs Supply Voltage
20076756
20076709
LM4849MH
Power Dissipation vs Output Power
LM4849MH
Power Derating Curve
20076765
20076764
Note 17: These curves show the thermal dissipation ability of the LM4849MH at different ambient temperatures given these conditions:
500LFPM + 2in2: The part is soldered to a 2in2, 1 oz. copper plane with 500 linear feet per minute of forced-air flow across it.
2in2on bottom: The part is soldered to a 2in2, 1oz. copper plane that is on the bottom side of the PC board through 21 8 mil vias.
2in2: The part is soldered to a 2in2, 1oz. copper plane.
1in2: The part is soldered to a 1in2, 1oz. copper plane.
Not Attached: The part is not soldered down and is not forced-air cooled.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com