Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4849 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4849
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4849 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4849 Datasheet HTML 11Page - National Semiconductor (TI) LM4849 Datasheet HTML 12Page - National Semiconductor (TI) LM4849 Datasheet HTML 13Page - National Semiconductor (TI) LM4849 Datasheet HTML 14Page - National Semiconductor (TI) LM4849 Datasheet HTML 15Page - National Semiconductor (TI) LM4849 Datasheet HTML 16Page - National Semiconductor (TI) LM4849 Datasheet HTML 17Page - National Semiconductor (TI) LM4849 Datasheet HTML 18Page - National Semiconductor (TI) LM4849 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Application Information (Continued)
VOLUME CONTROL (Table 2)
Gain
(dB)
Voltage Range (% of Vdd)
Voltage Range (Vdd = 5)
Voltage Range (Vdd = 3)
Low
High
Recommended Low
High
Recommended Low
High
Recommended
0
77.5%
100.00%
100.000%
3.875
5.000
5.000
2.325
3.000
3.000
-1
75.0%
78.5%
76.875%
3.750
3.938
3.844
2.250
2.363
2.306
-2
72.5%
76.25%
74.375%
3.625
3.813
3.719
2.175
2.288
2.231
-3
70.0%
73.75%
71.875%
3.500
3.688
3.594
2.100
2.213
2.156
-4
67.5%
71.25%
69.375%
3.375
3.563
3.469
2.025
2.138
2.081
-5
65.0%
68.75%
66.875%
3.250
3.438
3.344
1.950
2.063
2.006
-6
62.5%
66.25%
64.375%
3.125
3.313
3.219
1.875
1.988
1.931
-8
60.0%
63.75%
61.875%
3.000
3.188
3.094
1.800
1.913
1.856
-10
57.5%
61.25%
59.375%
2.875
3.063
2.969
1.725
1.838
1.781
-12
55.0%
58.75%
56.875%
2.750
2.938
2.844
1.650
1.763
1.706
-14
52.5%
56.25%
54.375%
2.625
2.813
2.719
1.575
1.688
1.631
-16
50.0%
53.75%
51.875%
2.500
2.688
2.594
1.500
1.613
1.556
-18
47.5%
51.25%
49.375%
2.375
2.563
2.469
1.425
1.538
1.481
-20
45.0%
48.75%
46.875%
2.250
2.438
2.344
1.350
1.463
1.406
-22
42.5%
46.25%
44.375%
2.125
2.313
2.219
1.275
1.388
1.331
-24
40.0%
43.75%
41.875%
2.000
2.188
2.094
1.200
1.313
1.256
-26
37.5%
41.25%
39.375%
1.875
2.063
1.969
1.125
1.238
1.181
-28
35.0%
38.75%
36.875%
1.750
1.938
1.844
1.050
1.163
1.106
-30
32.5%
36.25%
34.375%
1.625
1.813
1.719
0.975
1.088
1.031
-32
30.0%
33.75%
31.875%
1.500
1.688
1.594
0.900
1.013
0.956
-34
27.5%
31.25%
29.375%
1.375
1.563
1.469
0.825
0.937
0.881
-36
25.0%
28.75%
26.875%
1.250
1.438
1.344
0.750
0.862
0.806
-39
22.5%
26.25%
24.375%
1.125
1.313
1.219
0.675
0.787
0.731
-42
20.0%
23.75%
21.875%
1.000
1.188
1.094
0.600
0.712
0.656
-45
17.5%
21.25%
19.375%
0.875
1.063
0.969
0.525
0.637
0.581
-47
15.0%
18.75%
16.875%
0.750
0.937
0.844
0.450
0.562
0.506
-51
12.5%
16.25%
14.375%
0.625
0.812
0.719
0.375
0.487
0.431
-56
10.0%
13.75%
11.875%
0.500
0.687
0.594
0.300
0.412
0.356
-61
7.5%
11.25%
9.375%
0.375
0.562
0.469
0.225
0.337
0.281
-66
5.0%
8.75%
6.875%
0.250
0.437
0.344
0.150
0.262
0.206
-78
0.0%
6.25%
0.000%
0.000
0.312
0.000
0.000
0.187
0.000
AUDIO POWER AMPLIFIER DESIGN
Audio Amplifier Design: Driving 1W into an 8
Ω Load
The following are the desired operational parameters:
Power Output:
1 W
RMS
Load Impedance:
8
Ω
Input Level:
1 V
RMS
Input Impedance:
20 k
Ω
Bandwidth:
100 Hz−20 kHz ± 0.25 dB
The design begins by specifying the minimum supply voltage
necessary to obtain the specified output power. One way to
find the minimum supply voltage is to use the Output Power
vs Supply Voltage curve in the Typical Performance Char-
acteristics section. Another way, using Equation (11), is to
calculate the peak output voltage necessary to achieve the
desired output power for a given load impedance. To ac-
count for the amplifier’s dropout voltage, two additional volt-
ages, based on the Dropout Voltage vs Supply Voltage in the
Typical Performance Characteristics curves, must be
added to the result obtained by Equation (11). The result is
Equation (12).
(9)
V
DD
≥ (V
OUTPEAK+(VODTOP +VODBOT))
(10)
The Output Power vs Supply Voltage graph for an 8
Ω load
indicates a minimum supply voltage of 4.6V. This is easily
met by the commonly used 5V supply voltage. The additional
voltage creates the benefit of headroom, allowing the
LM4849 to produce peak output power in excess of 1W
without clipping or other audible distortion. The choice of
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com