Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1881LSOT Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS1881LSOT
Description  Hall Latch - High Sensitivity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1881LSOT Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS1881LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 7Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 8Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SS1881
Hall Latch - High Sensitivity
2
V3.10
Nov 1, 2013
General Discription
The SS1881 is a bipolar Hall effect sensor IC fabri-
cated from mixed signal CMOS technology. The de-
vice integrates a voltage regulator, Hall sensor with
dynamic offset cancellation system, Schmitt trigger
and an open-drain output driver, all in a single pack-
age.
It incorporates advanced chopper stabilization tech-
niques to provide accurate and stable magnetic switch
points. There are many applications for this HED –
Hall Electronic Device - in addition to those listed
above. The design, specifications and performance
have been optimized for commutation applications in
5V and 12V brushless DC motors.
Thanks to its wide operating voltage range and ex-
tended choice of temperature range, it is quite suitable
for use in automotive, industrial and consumer appli-
cations.
The device is delivered in a Small Outline Transistor
(SOT) for surface mount process or in a Plastic Single
In Line (SIP 3L flat) for through- hole mount. Both
3-lead packages are RoHS compliant.
Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package
which turns the output driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package
which turns the output driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com