Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1881LSOT Datasheet(PDF) 5 Page - SEC Electronics Inc.

Part # SS1881LSOT
Description  Hall Latch - High Sensitivity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1881LSOT Datasheet(HTML) 5 Page - SEC Electronics Inc.

  SS1881LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 7Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 8Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SS1881
Hall Latch - High Sensitivity
5
V3.10
Nov 1, 2013
General Electrical Specifications
DC Operating Parameters TA = 25°C, VDD= 2.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
2.2
24
V
Supply Current
IDD
B < BRP
5
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.5
V
Output Leakage Current
IOFF
B < BRP VOUT = 24V
1
10
µA
Output Rise Time
tr
RL = 1k
Ω, CL = 20pF
0.25
µs
Output Fall Time
tf
RL = 1k
Ω, CL = 20pF
0.25
µs
Maximum Switching Frequency
FSW
---
10
KHz
Package Thermal Resistance
RTH
Single layer (1S) Jedec board
301
°C/W
Note: The output of SS1881 will be switched after the supply voltage is over 2.2V, but the magnetic characteristics won't be normal
until the supply is over 2.5V.
Magnetic Specifications
DC Operating Parameters VDD = 2.5 to 24V (unless otherwise specified)
Package
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
UA
Operating Point
BOP
Ta=25°C
Vdd=5V DC
10
30
55
G
Release Point
BRP
-55
-30
-10
G
Hysteresis
BHYST
60
G
SO
Operating Point
BOP
Ta=25°C
Vdd=5V DC
-55
-30
-10
G
Release Point
BRP
10
30
55
G
Hysteresis
BHYST
60
G
Output Behavior versus Magnetic Pole
DC Operating Parameters TA = -40°C to 150°C, VDD = 2.5 to 24V (unless otherwise specified)
Test Conditions (UA)
Test Conditions (SO)
OUT
B < BRP
B > BRP
High
B > BOP
B < BOP
Low
The SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be turned on(drops low) in the presence of a
sufficiently strong North pole magnetic field applied to the marked face and turned off(hoists high) in the presence of a sufficiently
strong South pole magnetic field.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com