Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2509-R Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS2509-R
Description  Hall Latch - High Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2509-R Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS2509-R Datasheet HTML 1Page - SEC Electronics Inc. SS2509-R Datasheet HTML 2Page - SEC Electronics Inc. SS2509-R Datasheet HTML 3Page - SEC Electronics Inc. SS2509-R Datasheet HTML 4Page - SEC Electronics Inc. SS2509-R Datasheet HTML 5Page - SEC Electronics Inc. SS2509-R Datasheet HTML 6Page - SEC Electronics Inc. SS2509-R Datasheet HTML 7Page - SEC Electronics Inc. SS2509-R Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SS2509-R
Hall Latch - High Sensitivity
3
V3.10
Dec 1, 2014
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
28
V
Supply Current
IDD
50
mA
Output Voltage
VOUT
28
V
Output Current
IOUT
50
mA
Storage Temperature Range
TS
-50 to 150
°C
Maximum Junction Temperature
TJ
165
°C
Operating Temperature Range
Symbol
Value
Units
Temperature Suffix “E”
TA
-40 to 85
°C
Temperature Suffix “L”
TA
-40 to 150
°C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-rated conditions for extend-
ed periods may affect device reliability.
General Electrical Specifications
DC Operating Parameters TA = 25°C, VDD= 3.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
3.5
24
V
Supply Current
IDD
B < BRP
5
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.5
V
Output Leakage Current
IOFF
B < BRP VOUT = 24V
1
10
µA
Output Rise Time
tr
RL = 1k
Ω, C
L = 20pF
0.25
µs
Output Fall Time
tf
RL = 1k
Ω, C
L = 20pF
0.25
µs
Internal pull-up resistor
Rpu
---
9
12
15
kΩ
Maximum Switching Frequency
FSW
---
10
KHz
Package Thermal Resistance
RTH
Single layer (1S) Jedec board
301
°C/W
Note: The output of SS2509-R will be switched after the supply voltage is over 2.2V, but the magnetic characteristics won't be
normal until the supply is over 3.5V.
Magnetic Specifications
DC Operating Parameters VDD = 3.5 to 24V (unless otherwise specified)
Package
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
UA
Operating Point
BOP
Ta=25°C
Vdd=5V DC
-40
-23
-5
G
Release Point
BRP
5
23
40
G
Hysteresis
BHYST
45
G
ST
Operating Point
BOP
Ta=25°C
Vdd=5V DC
5
23
40
G
Release Point
BRP
-40
-23
-5
G
Hysteresis
BHYST
45
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com