Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2509-R Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # SS2509-R
Description  Hall Latch - High Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2509-R Datasheet(HTML) 4 Page - SEC Electronics Inc.

  SS2509-R Datasheet HTML 1Page - SEC Electronics Inc. SS2509-R Datasheet HTML 2Page - SEC Electronics Inc. SS2509-R Datasheet HTML 3Page - SEC Electronics Inc. SS2509-R Datasheet HTML 4Page - SEC Electronics Inc. SS2509-R Datasheet HTML 5Page - SEC Electronics Inc. SS2509-R Datasheet HTML 6Page - SEC Electronics Inc. SS2509-R Datasheet HTML 7Page - SEC Electronics Inc. SS2509-R Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SS2509-R
Hall Latch - High Sensitivity
4
V3.10
Dec 1, 2014
Output Behavior versus Magnetic Pole
DC Operating Parameters TA = -40°C to 150°C, VDD = 3.5 to 24V (unless otherwise specified)
Test Conditions (UA)
Test Conditions (ST)
OUT
B > BRP
B < BRP
High
B < BOP
B > BOP
Low
The TSOT-23 device is reversed from the UA package. The TSOT-23 output transistor will be turned on(drops low) in the presence of a
sufficiently strong South pole magnetic field applied to the marked face and turned off(hoists high) in the presence of a sufficiently
strong North pole magnetic field.
Detailed General Description
The SS2509-R exhibits latch magnetic switching characteristics. Therefore, it requires both south and north poles
to operate properly.
In the case of UA package,the OUT pin of these devices switches low (turns on) when a magnetic field perpendic-
ular to the Hall sensor reduced below the operate point threshold, BOP. After turn-on, the output voltage is VDSon.
Note that the device latches, that is, a north pole of sufficient strength towards the branded surface of the device
turns the device on. The device remains on if the south pole is removed (B
→0). This latching property defines the
device as a magnetic memory.
When the magnetic field exceeds the release point, BRP, the OUT pin turns off (goes high). The difference in the
magnetic operating and release points is the hysteresis, BHYST, of the device. This built-in hysteresis prevents out-
put oscillation near the switching point, and allows clean switching of the output even in the presence of external
mechanical vibration and electrical noise.
The device behaves as a latch with symmetric operating and release switching points (|BOP|=BRP). This means
0mT
0mT
Output level
Output level
OUT = High
Flux density
OUT = High
BOP
23Gs typ
OUT = Low
OUT = Low
UA package - Latch characteristic
BOP
-23Gs typ
BRP
-23Gs typ
BRP
23Gs typ
Flux density
ST package - Latch characteristic
BHYST
BHYST



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com