Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV431BCZ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV431BCZ
Description  Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV431BCZ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV431BCZ Datasheet HTML 1Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 2Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 3Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 4Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 5Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 6Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 7Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 8Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ordering Information
Package
Temperature
Range
Voltage Tolerance
Part Number
Package Marking
NSC Drawing
TO92
Industrial Range
−40˚C to +85˚C
1%
LMV431AIZ
LMV431AIZ
Z03A
1.5%
LMV431IZ
LMV431IZ
Commerial Range
0˚C to +70˚C
0.5%
LMV431BCZ
LMV431BCZ
1%
LMV431ACZ
LMV431ACZ
1.5%
LMV431CZ
LMV431CZ
SOT23-5
Industrial Range
−40˚C to +85˚C
1%
LMV431AIM5
N08A
MF05A
1%
LMV431AIM5X
N08A
1.5%
LMV431IM5
N08B
1.5%
LMV431IM5X
N08B
Commercial Range
0˚C to +70˚C
0.5%
LMV431BCM5
N09C
0.5%
LMV431BCM5X
N09C
1%
LMV431ACM5
N09A
1%
LMV431ACM5X
N09A
1.5%
LMV431CM5
N09B
1.5%
LMV431CM5X
N09B
SOT23-3
Industrial Range
−40˚ to +85˚C
0.5%
LMV431BIMF
RLB
MF03A
0.5%
LMV431BIMFX
1%
LMV431AIMF
RLA
1%
LMV431AIMFX
DC/AC Test Circuits for Table and
Curves
10095804
FIGURE 1. Test Circuit for V
Z =VREF
10095805
Note:
VZ =VREF (1 + R1/R2) + IREF• R1
FIGURE 2. Test Circuit for V
Z > VREF
10095806
FIGURE 3. Test Circuit for Off-State Current
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com