Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV431BCZ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV431BCZ
Description  Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV431BCZ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV431BCZ Datasheet HTML 1Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 2Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 3Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 4Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 5Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 6Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 7Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 8Page - National Semiconductor (TI) LMV431BCZ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMV431/LMV431A/LMV431B
Low-Voltage (1.24V) Adjustable Precision Shunt
Regulators
General Description
The LMV431, LMV431A and LMV431B are precision 1.24V
shunt regulators capable of adjustment to 30V. Negative
feedback from the cathode to the adjust pin controls the
cathode voltage, much like a non-inverting op amp configu-
ration (Refer to Symbol and Functional diagrams). A two
resistor voltage divider terminated at the adjust pin controls
the gain of a 1.24V band-gap reference. Shorting the cath-
ode to the adjust pin (voltage follower) provides a cathode
voltage of a 1.24V.
The LMV431, LMV431A and LMV431B have respective ini-
tial tolerances of 1.5%, 1% and 0.5%, and functionally lends
themselves to several applications that require zener diode
type performance at low voltages. Applications include a 3V
to 2.7V low drop-out regulator, an error amplifier in a 3V
off-line switching regulator and even as a voltage detector.
These parts are typically stable with capacitive loads greater
than 10nF and less than 50pF.
The LMV431, LMV431A and LMV431B provide performance
at a competitive price.
Features
n
Low Voltage Operation/Wide Adjust Range (1.24V/30V)
n
0.5% Initial Tolerance (LMV431B)
n
Temperature Compensated for Industrial Temperature
Range (39 PPM/˚C for the LMV431AI)
n
Low Operation Current (55µA)
n
Low Output Impedance (0.25
Ω)
n
Fast Turn-On Response
n
Low Cost
Applications
n
Shunt Regulator
n
Series Regulator
n
Current Source or Sink
n
Voltage Monitor
n
Error Amplifier
n
3V Off-Line Switching Regulator
n
Low Dropout N-Channel Series Regulator
Connection Diagrams
TO92: Plastic Package
10095801
Top View
SOT23-5
10095844
*Pin 1 is not internally connected.
*Pin 2 is internally connected to Anode pin. Pin 2 should be either floating
or connected to Anode pin.
Top View
SOT23-3
10095867
Top View
August 2003
© 2003 National Semiconductor Corporation
DS100958
www.national.com


Similar Part No. - LMV431BCZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431BCZ NSC-LMV431BCZ Datasheet
938Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt
More results

Similar Description - LMV431BCZ

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL432C UTC-TL432C Datasheet
103Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432 Datasheet
229Kb / 13P
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
National Semiconductor ...
LMV431 NSC-LMV431_05 Datasheet
938Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt
logo
Unisonic Technologies
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com