Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP809 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # MCP809
Description  3-Pin Microprocessor Reset Circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MCP809 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  MCP809 Datasheet HTML 1Page - National Semiconductor (TI) MCP809 Datasheet HTML 2Page - National Semiconductor (TI) MCP809 Datasheet HTML 3Page - National Semiconductor (TI) MCP809 Datasheet HTML 4Page - National Semiconductor (TI) MCP809 Datasheet HTML 5Page - National Semiconductor (TI) MCP809 Datasheet HTML 6Page - National Semiconductor (TI) MCP809 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Applications Information
Benefits of Precision Reset Thresholds
A microprocessor supply supervisor must provide a reset
output within a predictable range of the supply voltage. A
common threshold range is between 5% and 10% below the
nominal supply voltage. The 4.63V and 3.08V options of the
MCP809/810 use highly accurate circuitry to ensure that the
reset threshold occurs only within this range (for 5V and 3.3V
supplies). The other voltage options have the same tight
tolerance to ensure a reset signal for other narrow monitor
ranges. See
Table 1 for examples of how the standard reset
thresholds apply to 3V, 3.3V, and 5V nominal supply volt-
ages.
TABLE 1. Reset Thresholds Related to Common
Supply Voltages
Reset
Threshold
3.0V
3.3V
5.0V
4.63 ± 3%
90 - 95%
4.38 ± 3%
85 - 90%
4.00 ± 3%
78 - 82%
3.08 ± 3%
90 - 95%
2.93 ± 3%
86 - 90%
2.63 ± 3%
85 - 90%
77 - 81%
Ensuring a Valid Reset Output Down to V
CC =0V
When V
CC falls below 1V, the MCP809 RESET output no
longer sinks current. A high-impedance CMOS logic input
connected to RESET can therefore drift to undetermined
voltages. To prevent this situation, a 100k
Ω resistor should
be connected from the RESET output to ground, as shown in
Figure 1.
A 100k
Ω pull-up resistor to V
CC is also recommended for the
MCP810, if RESET is required to remain valid for V
CC < 1V.
Negative-Going V
CC Transients
The
MCP809/810
are
relatively
immune
to
short
negative-going transients or glitches on V
CC. Figure 2 shows
the maximum pulse width a negative-going V
CC transient
can have without causing a reset pulse. In general, as the
magnitude of the transient increases, going further below the
threshold, the maximum allowable pulse width decreases.
Typically,
for
the
4.63V
and
4.38V
version
of
the
MCP809/810, a V
CC transient that goes 100mV below the
reset threshold and lasts 20µs or less will not cause a reset
pulse. A 0.1 µF bypass capacitor mounted as close as
possible to the V
CC pin will provide additional transient re-
jection.
Interfacing to µPs with Bidirectional Reset Pins
Microprocessors with bidirectional reset pins, such as the
Motorola 68HC11 series, can be connected to the MCP809
RESET output. To ensure a correct output on the MCP809
even when the microprocessor reset pin is in the opposite
state, connect a 4.7k
Ω resistor between the MCP809 RE-
SET output and the µP reset pin, as shown in
Figure 3.
Buffer the MCP809 RESET output to other system compo-
nents.
20022310
FIGURE 1. RESET Valid to V
CC = Ground Circuit
20022309
FIGURE 2. Maximum Transient Duration without
Causing a Reset Pulse vs. Reset Comparator
Overdrive
20022311
FIGURE 3. Interfacing to Microprocessors with
Bidirectional Reset I/O
www.national.com
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com