Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP809 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # MCP809
Description  3-Pin Microprocessor Reset Circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MCP809 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MCP809 Datasheet HTML 1Page - National Semiconductor (TI) MCP809 Datasheet HTML 2Page - National Semiconductor (TI) MCP809 Datasheet HTML 3Page - National Semiconductor (TI) MCP809 Datasheet HTML 4Page - National Semiconductor (TI) MCP809 Datasheet HTML 5Page - National Semiconductor (TI) MCP809 Datasheet HTML 6Page - National Semiconductor (TI) MCP809 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ordering Information
Reset Threshold
(V)
MCP809 Supplied as
1000 units, tape & reel
MCP809 Supplied as
3000 units, tape & reel
Package
Top Mark
Package
Type
NSC Package
4.63
MCP809M3-4.63
MCP809M3X-4.63
SVB
SOT23-3
MF03A
4.38
MCP809M3-4.38
MCP809M3X-4.38
SUB
4.00
MCP809M3-4.00
MCP809M3X-4.00
STB
3.08
MCP809M3-3.08
MCP809M3X-3.08
SSB
2.93
MCP809M3-2.93
MCP809M3X-2.93
SRB
2.63
MCP809M3-2.63
MCP809M3X-2.63
SPB
Reset Threshold
(V)
MCP810 Supplied as
1000 units, tape & reel
MCP810 Supplied as
3000 units, tape & reel
Package
Top Mark
Package
Type
NSC Package
4.63
MCP810M3-4.63
MCP810M3X-4.63
SNB
SOT23-3
MF03A
4.38
MCP810M3-4.38
MCP810M3X-4.38
SLB
4.00
MCP810M3-4.00
MCP810M3X-4.00
SKB
3.08
MCP810M3-3.08
MCP810M3X-3.08
SJB
2.93
MCP810M3-2.93
MCP810M3X-2.93
SHB
2.63
MCP810M3-2.63
MCP810M3X-2.63
SGB
Custom voltages and improved accuracies are available, subject to minimum orders. Contact your local National Semiconductor Sales Office for information.
Pin Description
PIN
NAME
FUNCTION
3
GND
Ground reference
1
RESET (MCP809)
Active-low output. RESET remains low while V
CC is below the reset threshold, and
for 240ms after V
CC rises above the reset threshold.
RESET (MCP810)
Active-high output. RESET remains high while V
CC is below the reset threshold, and
for 240ms after V
CC rises above the reset threshold.
2V
CC
Supply Voltage (+5V, +3.3V, or +3.0V)
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com