Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH6010LPD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMTH6010LPD
Description  60V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6010LPD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMTH6010LPD Datasheet HTML 1Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 2Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 3Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 4Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 5Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 6Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMTH6010LPD
Document number: DS38244 Rev. 2 - 2
1 of 7
www.diodes.com
May 2016
© Diodes Incorporated
DMTH6010LPD
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) max
ID max
TC = +25°C
60V
11m
Ω @ VGS = 10V
47.6A
16m
Ω @ VGS = 4.5V
39.5A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high-efficiency power management applications.
Engine Management Systems
Body Control Electronics
DCDC Converters
Features and Benefits
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching
– ensures more reliable and
robust end application
High Conversion Efficiency
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMTH6010LPDQ)
Mechanical Data
Case: PowerDI5060-8 (Type C)
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMTH6010LPD-13
PowerDI5060-8 (Type C)
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2.
Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
3. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Pin out
Top View
Equivalent Circuit
= Manufacturer’s Marking
H6010LD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 16 = 2016)
WW = Week (01 to 53)
D1
S1
G1
D2
S2
G2
Bottom View
Top View
Pin1
S1
D1
G1
S2
G2
D1
D2
D2
H6010LD
YY WW
S1
D2
D1
G2
D1
D2
G1
S2


Similar Part No. - DMTH6010LPD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6010LPD DIODES-DMTH6010LPD Datasheet
527Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 November 2021
DMTH6010LPD-13 DIODES-DMTH6010LPD-13 Datasheet
527Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 November 2021
DMTH6010LPDQ DIODES-DMTH6010LPDQ Datasheet
371Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH6010LPDQ DIODES-DMTH6010LPDQ Datasheet
538Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 2 December 2021
DMTH6010LPDQ-13 DIODES-DMTH6010LPDQ-13 Datasheet
371Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results

Similar Description - DMTH6010LPD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6004LPS DIODES-DMTH6004LPS Datasheet
510Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH6004SCTB DIODES-DMTH6004SCTB Datasheet
546Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMTH6004SCTBQ DIODES-DMTH6004SCTBQ Datasheet
554Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH6004SPS DIODES-DMTH6004SPS Datasheet
491Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMTH6004SPSQ DIODES-DMTH6004SPSQ Datasheet
486Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH6005LPS DIODES-DMTH6005LPS Datasheet
577Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMTH6005LPSQ DIODES-DMTH6005LPSQ Datasheet
341Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH6010LK3Q DIODES-DMTH6010LK3Q Datasheet
463Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH6010LPSQ DIODES-DMTH6010LPSQ Datasheet
571Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH6010SK3 DIODES-DMTH6010SK3 Datasheet
554Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com