Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH6010LPD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMTH6010LPD
Description  60V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6010LPD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMTH6010LPD Datasheet HTML 1Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 2Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 3Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 4Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 5Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 6Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMTH6010LPD
Document number: DS38244 Rev. 2 - 2
4 of 7
www.diodes.com
May 2016
© Diodes Incorporated
DMTH6010LPD
0
0.004
0.008
0.012
0.016
0.02
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
V
GS = 4.5V, ID = 20A
V
GS = 10V, ID = 20A
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs Junction
Temperature
I
D = 1mA
I
D = 250µA
0
5
10
15
20
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs Current
V
GS = 0V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
T
J = 175
oC
1
10
100
1000
10000
0
5
10 15 20 25 30 35 40 45 50 55 60
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f = 1MHz
C
iss
C
oss
C
rss
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
Q
g (nC)
Figure 11. Gate Charge
V
DS = 30V, ID = 20A
0.01
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(Max) = 175℃
T
C = 25℃
Single Pulse
DUT on Infinite Heatsink
V
GS = 10V
R
DS(ON)
Limited
P
W = 1s
P
W = 100ms
P
W = 10ms
P
W = 1ms
P
W = 100µs
P
W = 10µs
P
W = 1µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com