Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH6016LPS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH6016LPS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6016LPS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH6016LPS Datasheet HTML 1Page - Diodes Incorporated DMTH6016LPS Datasheet HTML 2Page - Diodes Incorporated DMTH6016LPS Datasheet HTML 3Page - Diodes Incorporated DMTH6016LPS Datasheet HTML 4Page - Diodes Incorporated DMTH6016LPS Datasheet HTML 5Page - Diodes Incorporated DMTH6016LPS Datasheet HTML 6Page - Diodes Incorporated DMTH6016LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH6016LPS
Document number: DS38436 Rev. 1 - 2
2 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMTH6016LPS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
TC = +25°C
TC = +100°C
ID
37.1
26.2
A
Continuous Drain Current (Note 5) VGS = 10V
TA = +25°C
TA = +100°C
ID
10.6
7.5
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
75
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
31
A
Avalanche Current, L = 0.1mH
IAS
15.3
A
Avalanche Energy, L = 0.1mH
EAS
11.7
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA= +25°C
PD
3
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
49
°C/W
Total Power Dissipation (Note 6)
TC = +25°C
PD
37.5
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS =48V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1
—
2.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
—
16
m
Ω
VGS = 10V, ID = 20A
—
—
24
VGS = 4.5V, ID = 18A
Diode Forward Voltage
VSD
—
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
864
—
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
282
—
Reverse Transfer Capacitance
Crss
—
27
—
Gate Resistance
RG
—
1.3
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
8.4
—
nC
VDS = 30V, ID = 10A
Total Gate Charge (VGS = 10V)
Qg
—
17
—
Gate-Source Charge
Qgs
—
3.1
—
Gate-Drain Charge
Qgd
—
4.3
—
Turn-On Delay Time
tD(ON)
—
3.4
—
ns
VGS = 10V, VDS = 30V,
RG = 6Ω, ID = 10A
Turn-On Rise Time
tR
—
5.2
—
Turn-Off Delay Time
tD(OFF)
—
13
—
Turn-Off Fall Time
tF
—
7
—
Reverse Recovery Time
tRR
—
22
—
ns
IF = 10A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
11
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
6. Thermal resistance from junction to soldering point (on the exposed drain pad).
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com