Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH6016LPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMTH6016LPS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6016LPS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMTH6016LPS Datasheet HTML 1Page - Diodes Incorporated DMTH6016LPS Datasheet HTML 2Page - Diodes Incorporated DMTH6016LPS Datasheet HTML 3Page - Diodes Incorporated DMTH6016LPS Datasheet HTML 4Page - Diodes Incorporated DMTH6016LPS Datasheet HTML 5Page - Diodes Incorporated DMTH6016LPS Datasheet HTML 6Page - Diodes Incorporated DMTH6016LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMTH6016LPS
Document number: DS38436 Rev. 1 - 2
4 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMTH6016LPS
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS = 10V, ID = 20A
V
GS = 4.5V, ID = 18A
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D = 250μA
I
D = 1mA
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
V
GS = 0V
T
A = -55
oC
T
A = 25
oC
T
A = 85
oC
T
A = 125
oC
T
A = 150
oC
T
A = 175
oC
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
2
4
6
8
10
0
2
4
6
8
10
12
14
16
18
Qg (nC)
Figure 11. Gate Charge
V
DS = 30V, ID = 10A
0.01
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(Max)=175℃
T
C=25℃
Single Pulse
DUT on infinite heatsink
V
GS=10V
R
DS(ON) LIMITED
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100µs
P
W=10µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com