Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP84902 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84902
Description  1,7 Encoder/Decoder Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84902 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP84902 Datasheet HTML 8Page - National Semiconductor (TI) DP84902 Datasheet HTML 9Page - National Semiconductor (TI) DP84902 Datasheet HTML 10Page - National Semiconductor (TI) DP84902 Datasheet HTML 11Page - National Semiconductor (TI) DP84902 Datasheet HTML 12Page - National Semiconductor (TI) DP84902 Datasheet HTML 13Page - National Semiconductor (TI) DP84902 Datasheet HTML 14Page - National Semiconductor (TI) DP84902 Datasheet HTML 15Page - National Semiconductor (TI) DP84902 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Functional Description (Continued)
17 RLL CODE
The (17) code used is based on US patent
4413251 via
cross-licensing with International Business Machines Cor-
poration (IBM ) Table II summarizes the decoding method
used for this device Nine SYNCDATA bits are used to de-
code the middle three SYNCDATA bits of the nine bit
stream into two NRZ output bits a Most Significant Bit
(MSB) and a Least Significant Bit (LSB) Bit 8 is the first
SYNCDATA bit shifted into the decoder The left-most col-
umn of the table (‘‘NRZIO OUTPUT BIT’’) identifies whether
the row represents the NRZ MSB or LSB This table identi-
fies the combinations which will produce a high logical level
If the code bits do not match the table a low logical state
will be produced Table III represents the same decoding
operation in a different format
Table IV summarizes the state diagram used by this device
to encode NRZ data into 17 coded data The table is read
from left to right during the encoding process To encode
data the ‘‘CURRENT STATE’’ (column 1) must be deter-
mined first
The initial ‘‘CURRENT STATE’’ is always zero This ‘‘CUR-
RENT STATE’’ selects a group of four rows in the table The
two NRZ input bits determine the exact row within the
group to be used Once the row is identified follow the row
to the right of the ‘‘NRZIO’’ column to locate the coded
output in the ‘‘17 OUT’’ column Continue by identifying the
next state in the ‘‘NEXT STATE’’ column immediately to the
right of the ‘‘17 OUT’’ column The number located in this
column is used as the ‘‘CURRENT STATE’’ for the next two
NRZ input bits This procedure is continued until all the NRZ
data is encoded
TABLE II Decoding State Table
NRZ OUTPUT
SYNCDATA (CODE BITS)
BIT
876543210
NRZIO0 (LSB) e 1
x
xx
1
x
xxxx
xxxx
0
0
xxx
NRZIO1 (MSB) e 1
x
xxxx
1
x
xx
xx
0
0
0
xxxx
xxxxxx
0
0
0
TABLE III Decoding State Table
Encoded Read Data (SYNCDATA)
Decoded Data
Previous
Present
Next
(NRZ Data)
Y1
Y2
Y3
Y1
Y2
Y3
Y1
Y2
Y3
D1
D2
MSB
xLSB
MSB
xLSB
MSB
xLSB
MSB
x LSB
0000
1
1
1000000
1
1
1000001
0
1
1000010
0
1
1000100
0
1
1000101
0
1
001
1
0
010000
1
0
010001
0
0
010010
0
0
010100
0
0
010101
0
0
100000
1
1
100001
0
1
100010
0
1
100100
0
1
100101
0
1
101
1
1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com