Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP84902 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84902
Description  1,7 Encoder/Decoder Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84902 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP84902 Datasheet HTML 1Page - National Semiconductor (TI) DP84902 Datasheet HTML 2Page - National Semiconductor (TI) DP84902 Datasheet HTML 3Page - National Semiconductor (TI) DP84902 Datasheet HTML 4Page - National Semiconductor (TI) DP84902 Datasheet HTML 5Page - National Semiconductor (TI) DP84902 Datasheet HTML 6Page - National Semiconductor (TI) DP84902 Datasheet HTML 7Page - National Semiconductor (TI) DP84902 Datasheet HTML 8Page - National Semiconductor (TI) DP84902 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Connection Diagram
TLF11963 – 2
FIGURE 2 DP84902 Pinout
Order Number DP84902M or DP84902MS
See NS Package Number M20B or MSA20
Pin Descriptions
Symbol
Pin
Functional Description
Power Supply and Ground Pins
ECLVCC
8
ECLVCC Supply Pin 5V g10%
VDD
1VDD Supply Pin 5Vg10%
VSS
11
VSS Ground reference
Input Pin Descriptions
CRC
5
CONTROL REGISTER CLOCK
Positive-edge-active control register clock input
CRD
4
CONTROL REGISTER DATA
Control register data input
CRLS
3
CONTROL REGISTER LATCHSHIFT
A logical low state applied to this input allows the CONTROL
REGISTER CLOCK input to clock data into the control register’s shift register via the CONTROL
REGISTER DATA input A logical high state latches the data into a bank of latches and issues the
information to the appropriate circuitry within the ENDEC
ERASE
20
ERASE
This active high input is used while in the write mode to force a logical low at the CODEOUT
output (or a logical high if CODEOUT is inverted) This is useful to blank out (DC erase which issues no
transitions) a track for analog flaw map tesing
RESET
2
RESET
A logical low level applied to this input forces the ENDEC to a power-on-reset state and
presets its control register to predetermined operating setup conditions During normal operation this
pin must be held at a logical high level
RG
19
READ GATE
This input accepts a mode control signal from the controller for the decoder It permits
the reading of data from the disk when at a logical high level It inhibits reading and resets the decoder
state machine when at a logical low level There are no set-up or hold timing requirements for the
enabling or disabling of this input
SYNCCLK
12
SYNCHRONIZED CLOCK
This input accepts the code rate (15F) synchronized clock signal from the
read channel’s data synchronizer This signal is used to clock the synchronized data into the decoder
on the negative edge of SYNCCLK in the read mode and is the source clock for clocking codeout data
from the encoder during the write mode
SYNCDATA
13
SYNCHRONIZED DATA
This input accepts the synchronized data signal MSB first from the read
channel’s data synchronizer for the decoder’s use
WCLK
17
WRITE CLOCK
This input is used only in the external write clock mode The write clock signal (Note 1)
from the controller is used to strobe the NRZ input data into the ENDEC The write clock signal from the
controller must be the RRCLK echoed by the controller If the external write clock mode is not selected
this pin should be tied to VDD or VSS
WG
18
WRITE GATE
This input accepts a mode control signal from the controller for the encoder It permits
the writing of a header and data to the disk when at a logical high level It inhibits writing and resets the
encoder state machine when at a logical low level There are no set-up or hold timing requirements for
the enabling or disabling of this input
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com