Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PML Datasheet(PDF) 2 Page - DDK Ltd.

Part # PML
Description  Floating Coaxial Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PML Datasheet(HTML) 2 Page - DDK Ltd.

  PML Datasheet HTML 1Page - DDK Ltd. PML Datasheet HTML 2Page - DDK Ltd. PML Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit:mm
http://www.ddknet.co.jp
PML Series
2
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Panel Mounting Straight Plug
PML Plug Interface
E
D
<Maximum Panel Distance>
0.5mm
0.5mm
Figure 1
1.6mm
注2−A
注2−B
<Minimum Panele Distance>
9.7
2-φ2.6 0.1
 DDKMark
(17.7)
9.7
2.1
1.7
9.7
PML Plug Interface
 DDKMark
E
6.9 max.
D
<最大パネル間寸法>
<最小パネル間寸法>
2-φ2.6 0.1
(17.7)
9.7
2.1
1.7
○Panel Mounting Right Angle Plug
Mating Connector : PML Jack Type
Applicable Cable : UT-085
     
: FCCAVG1(Nissei) or Equivalent
Mating Connector : PML Jack Type
Applicable Cable : UT-141    
 
  : FCCAVGP0(Nissei) or Equivalent
PML-PP2-85-SO-CF
PML-PP2-141-SO-CF
φ19.1
14.2
2.1
1.7
9.7
22.5
Flange Thickness
PML Plug Interface
DDK Mark
2-φ2.8
+0.2
0
Mating Connector : PML Jack Type
Applicable Cable : UT-141    
       : FCCAVGP0(NIssei) or Equivalent
PML-LPP2-141-SO



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com