Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PML Datasheet(PDF) 1 Page - DDK Ltd.

Part # PML
Description  Floating Coaxial Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PML Datasheet(HTML) 1 Page - DDK Ltd.

  PML Datasheet HTML 1Page - DDK Ltd. PML Datasheet HTML 2Page - DDK Ltd. PML Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
PML series is a connector which has a floating mechanism
to offset the mating gap between plug and jack connector.
The interface is DDK's original and almost same size as SMA
connector. PML series absorb the gap come from mounting more
than two connectors on the same PCB.
PML Series
Floating Coaxial Connector
RoHS
Compliant
RoHS
Compliant
Item
PML-SR
PML-PP2-85-SO-CF
PML-PP2-141-SO-CF
PML-PJ2-85-SO-CF
PML-PJ2-1.5DHW-CR1-CF
PML-LPP2-141-SO
Contact
Beryllium Copper /
Au Plating
Brass / Au Plating
Brass / Au Plating
Beryllium Copper/
Au Plating
Beryllium Copper /
Au Plating
Brass / Au Plating
Body
Brass /Au Plating
Brass / Ni Plating
Phosphor Bronze /
Au Plating
Brass / Ni Plating
Phosphor Bronze /
Au Plating
Brass / Au Plating
Brass / Au Plating
Brass / Ni Plating
Phosphor Bronze /
Au Plating
Insulator
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
121226
Floating mechanism
absorb the gap between panels.
Floating mechanism
absorb the X and Y axis gap
Regular
Irregular
X Y Axis
Z
0.5
PML Plug
PML Receptacle
Gap
PML-PP2-141-SO×SMA L=200mm
100.000 mU/DIV
MARKER 1
ALL DISPLAYEO
CEANNELS
CH1 - S11
2.200000000 GHz
1.067 U
CH 2 - S22
CH 3 - S21
2.200000000 GHz
-0.195 dB
CH 4 - S12
MARKER TO MAX
MARKER TO MIN
MARKER READ0UT
FUNCTIONS
FRESS 〈ENTER〉
TO SELECT
REF=1.000 U
S11 FORWARD REFLECTION
SWR
3.000000000
GHz
S21 FORWARD TRANSMISSION
LOG MAGNITUDE
3.000000000
0.040000000
GHz
REF=0.00 dB
0.040000000
0.200 dB/DIV
1
1
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
Floating mechanism
absorb the gap between panels.
Floating mechanism
absorb the X and Y axis gap
Regular
Irregular
X Y Axis
Z
0.5
PML Plug
PML Receptacle
Gap
PML-PP2-141-SO×SMA L=200mm
100.000 mU/DIV
MARKER 1
ALL DISPLAYEO
CEANNELS
CH1 - S11
2.200000000 GHz
1.067 U
CH 2 - S22
CH 3 - S21
2.200000000 GHz
-0.195 dB
CH 4 - S12
MARKER TO MAX
MARKER TO MIN
MARKER READ0UT
FUNCTIONS
FRESS 〈ENTER〉
TO SELECT
REF=1.000 U
S11 FORWARD REFLECTION
SWR
3.000000000
GHz
S21 FORWARD TRANSMISSION
LOG MAGNITUDE
3.000000000
0.040000000
GHz
REF=0.00 dB
0.040000000
0.200 dB/DIV
1
1
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
PML Plug Interface
E
D
<Maximum Panel Distance>
0.5mm
0.5mm
Figure 1
1.6mm
0
0
注2−A
注2−B
<Minimum Panele Distance>
9.7
2-φ2.6 0.1
 DDKMark
(17.7)
9.7
2.1
1.7
PML Plug Interface
E
D
<Maximum Panel Distance>
0.5mm
0.5mm
Figure 1
1.6mm
0
0
注2−A
注2−B
<Minimum Panele Distance>
9.7
2-φ2.6 0.1
 DDKMark
(17.7)
9.7
2.1
1.7
Mating Connector
Maximum Distance
between Panels
Minimum Distance
between Panels
D
E
PML-SR
18.8
17.2
PML-PJ2-85-SO
22.2
20.6
PML-PJ2-1.5DHW-CR1
22.2
20.6
OUTLINE
SPECIFICATIONS
MATERIAL / FINISH
Frequency
Range
DCto3GHz
50 Ω
Lock Type
Push On
Characteristic
Impedance
Characteristic Impedance
50 Ω
Rated Voltage
500VAC(r.m.s.)
Dielectric Withstanding Voltage
1000V AC(r.m.s) / 1minute
Insulation Resistance
1000M Ω (min.) at 500V DC
Contact Resistance
10m Ω (max.)
Frequency Range
DC 〜 3GHz
VSWR
1.2(max.)
Operating Temperature
-55 〜 +85℃
Offset Allowable Range
X, Y=±0.5mm Z=±0.8mm
* The specifications are typical but may not apply to all connectors. Please check
 the specifications on each item with its drawing from us when you use.


Similar Part No. - PML

ManufacturerPart #DatasheetDescription
logo
Rohm
PML ROHM-PML Datasheet
969Kb / 8P
Ultra-low ohmic chip resistors for current detection
logo
Delta Electronics, Inc.
PML-12V100W1AAA DELTA-PML-12V100W1AAA Datasheet
1Mb / 11P
PMT Panel Mount Power Supply
PML-12V100W1AHA DELTA-PML-12V100W1AHA Datasheet
1Mb / 11P
PMT Panel Mount Power Supply
PML-12V150W1AAA DELTA-PML-12V150W1AAA Datasheet
1Mb / 11P
PMT Panel Mount Power Supply
PML-12V150W1AAB DELTA-PML-12V150W1AAB Datasheet
1Mb / 12P
PMT Panel Mount Power Supply
November 2018, Rev. 03
More results

Similar Description - PML

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INT201 POWERINT-INT201 Datasheet
100Kb / 12P
Floating Inputs Floating High-side Drive
logo
DDK Ltd.
DFW-PAV20-98-3A DDK-DFW-PAV20-98-3A Datasheet
280Kb / 3P
0.6mm Pitch Floating Connector
logo
Molex Electronics Ltd.
SD-75019-010 MOLEX11-SD-75019-010 Datasheet
602Kb / 4P
PLATEAU HS DOCK FLOATING CONNECTOR
logo
Japan Aviation Electron...
CP2 JAE-CP2 Datasheet
266Kb / 3P
Board-to-Board Floating Coaxial Connector
logo
Tyco Electronics
108-61125 MACOM-108-61125 Datasheet
176Kb / 7P
Floating Battery Interconnection System Connector
logo
Rosenberger Hochfrequen...
03K760-S22N3 ROSENBERGER-03K760-S22N3 Datasheet
68Kb / 2P
FLOATING ADAPTOR
03K760-S23N5 ROSENBERGER-03K760-S23N5 Datasheet
68Kb / 2P
FLOATING ADAPTOR
03K717-S22S5 ROSENBERGER-03K717-S22S5 Datasheet
599Kb / 2P
FLOATING ADAPTOR
logo
DDK Ltd.
PML-PP2-85-SO-CF DDK-PML-PP2-85-SO-CF Datasheet
948Kb / 3P
Floating Coaxial Connector
logo
Witten Company, Inc.
155 WITTEN-155 Datasheet
231Kb / 2P
FLOATING INSERTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com