Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP84910 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP84910 Datasheet HTML 13Page - National Semiconductor (TI) DP84910 Datasheet HTML 14Page - National Semiconductor (TI) DP84910 Datasheet HTML 15Page - National Semiconductor (TI) DP84910 Datasheet HTML 16Page - National Semiconductor (TI) DP84910 Datasheet HTML 17Page - National Semiconductor (TI) DP84910 Datasheet HTML 18Page - National Semiconductor (TI) DP84910 Datasheet HTML 19Page - National Semiconductor (TI) DP84910 Datasheet HTML 20Page - National Semiconductor (TI) DP84910 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AC Electrical CharacteristicsPulse Detector (Continued)
Note 8
Enable internal pulse detector signals through the control register Measure the time from the falling edge of SCAP4 pin to the rising edge of SCAP3 pin as
the programmable gate channel delay step is changed tDS e the incremental delay change per step
Note 9
Enable pulse detector output at ERDO via the control register The 33 MHz pulse pairing measurement is made with the channel filter programmed for
5 MHz b3 dB bandwidth with 0 dB peaking The 7 MHz pulse pairing measurement is made with the channel filter programmed for 10 MHz b3 dB bandwith with
0 dB peaking
Note 10
Pulse detector is initially powered down for 25 ms prior to powering on
Note 11
The pulse detector is initially powered down for 2 ms Recovery time is measured from the deassertion of the IDLESERVO pin to the rising edge of
ERDO
Note 12
Typical values are specified at 25 C and 5V supply
Note 13
The limit value has been determined by a characterization data No outgoing test is performed
AC Electrical CharacteristicsSynchronizer and Synthesizer guaranteed over operat-
ing temperature and supply voltage ranges unless otherwise specified Minimum andor maximum limits are guaranteed by
outgoing testing unless otherwise specified
Symbol
Func
Parameter
Conditions
Min
Typ
Max
Units
Block
(Note 8)
tT-SYNC
Synch
Synchronizer Window Loss
Strobe M e 0
167 Mbs
b
3
g
13
3
ns
333 Mbs
b
25
g
11
25
50 Mbs
b
125
g
06
125
iLIN-PH
Synch
Phase Detector
Phase Lock
g
q
rad
Retrace Angle
(Notes 6 9)
KVCO-SYNC
Synch
Synchronizer VCO Gain
25 C Only
0250o
0450o
0650o
radVs
(Note 1)
tSD0
Synch
SCK Negative Edge to
(Note 4)
35
8
ns
SD Negative Edge
tSD1
Synch
SCK Negative Edge to
(Note 4)
35
8
ns
SD Positive Edge
tZPSR
Synch
Zero-Phase Start
Entering READ Mode
2ns
Accuracy Absolute Value
(Note 4)
tSFIX
Synch
Strobe per Step Size
(Note 9)
06
ns
b
2to a2
tSVAR
Synch
Strobe per Step Size
(Notes 2 and 9)
0625 c tVCO
ns
b
2to b6 2to6
tPW-SCK
Synch
SCK Output Pulse Width
(Note 5)
075 tw
tw
125 tw
ns
tb3 dB-KVCO
Synch
VCO Control Block
(Note 9)
8
MHz
b
3 dB Rolloff
tb3 dB-CP
Synch
Charge Pump Block
(Note 9)
50
MHz
b
3 dB Rolloff
tPWSTH
Synth
Synthesizer Output
(Note 5)
33 Mbs
tw b 5tw a 5
ns
Pulse Width
50 Mbs
tw b 325
tw a 325
KVCO-SYNTH
Synth
Synthesizer VCO Gain
(Notes 1 and 5) See
graph on next page
1230o
140o
1550o
radVs
25 C Only
fb3 dB-KSTH
Synth
VCO Control Block
(Note 9)
8
MHz
b
3 dB Rolloff
Note 1
0o is the operating frequency of the synchronizer VCO This parameter is specified at 25 C ambient only KVCO varies inversely with absolute (Kelvin)
temperature KVCO (T) e KVCO (25 C) c 298T where T is in degrees Kelvin
Note 2
tVCO is the period of the synchronizer VCO The period is equal to the code rate clock period
Note 3
Add to this value the data rate dependent delay time term TBD% c TVCO Note 2 also applies
Note 4
Parameter guaranteed by design or correlation to characterization data No outgoing tests are performed
Note 5
tw e 05 c respective clock period
Note 6
The parameter is measured with respect to the code rate clock period
Note 7
Using standard static window measurement See DP84910 Design Guide DP849192 or DP845859 data sheets for description of static window test
Note 8
Typical values are specified at 25 C and 5V supply
Note 9
This parameter is provided as information only
http
www nationalcom
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com