Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP84910 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP84910 Datasheet HTML 1Page - National Semiconductor (TI) DP84910 Datasheet HTML 2Page - National Semiconductor (TI) DP84910 Datasheet HTML 3Page - National Semiconductor (TI) DP84910 Datasheet HTML 4Page - National Semiconductor (TI) DP84910 Datasheet HTML 5Page - National Semiconductor (TI) DP84910 Datasheet HTML 6Page - National Semiconductor (TI) DP84910 Datasheet HTML 7Page - National Semiconductor (TI) DP84910 Datasheet HTML 8Page - National Semiconductor (TI) DP84910 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
General Description (Continued)
The pulse detector section detects the peaks of the analog
pulses from the read preamplifier and converts them to digi-
tal pulses whose leading edges represent the time position
of the analog pulses’ peaks In order to not interpret noise
on the baseline as input data hysteresis is included The
hysteresis level for a data field is set at the SETHYSD pin
while the hysteresis level for a servo field is set at the
SETHYSS pin A third pin (SFIELD) is used to select be-
tween these two levels of hysteresis This allows for the
setting of different hysteresis levels for these two fields The
data field hysteresis level is also selectable in 8 steps
through bits in the control register (HYS
VTH0 – HYS
VTH2) with the level set at the SETHYSD pin as the nominal
value
The pulse detector section includes an automatic gain con-
trol (AGC) circuit which normalizes the analog data signal to
a constant amplitude The response of the AGC is partially
controlled by one of the device’s pins (VAGCIN) Two
VAGCIN pins (VAGCIND VAGCINS) are provided so that
different capacitor values can be selected to provide differ-
ent AGC time constants for data and servo field information
The switching between these pinscapacitors is controlled
by the SFIELD pin The SERVO control register bit can en-
able (or disable) the SFIELD pin’s ability to control the
amount of equalization provided to the on-chip channel fil-
ter When enabled the state of the SFIELD pin selects be-
tween two groups of control register bits (EQ0 EQ1 EQ2
and SERVO
EQ0 SERVO
EQ1 SERVO
EQ2) which
can separately determine the amount of equalization provid-
ed This feature allows for an adjustment of the channel
filter bandwidth in a servo field Thus the channel filter can
have different bandwidths in a servo field and a data field
The pulse detector section has a delayed low impedance
switch at the gain controlled amplifier inputs (AMPIN1 AM-
PIN2) which allows for rapid recovery from the write mode
The amount of delay (either 17 msor3 4 ms) coming out of
the low impedance mode is selectable through a bit in the
control register (SLOW) A pattern insensitive fast respond-
ing AGC circuit (with HOLD function) allows rapid head
switch settling and embedded servo normalization Select-
able delay (in four steps) in the qualification channel along
with a ‘‘view internal signals’’ mode allow the timing and
qualification channels to be optimally aligned Four gated
servo detectors are incorporated for recovery of quadrature
embedded servo information The four peak detected val-
ues are available at the SERVO CAPACITOR outputs
(SCAP1 – 4) Two servo difference amplifiers are provided
Each difference amplifier output (DIFFAMP12) provides
the difference between two of the servo peak detectors
centered about an external reference voltage (VDIFF)
The channel filter section is a seven-pole 005 degree error
equal ripple filter It utilizes the Kost pulse slimming tech-
nique similar to that which is employed on the DP849192
integrated read channel devices The amount of pulse slim-
ming is control register selectable in 8 steps up to a maxi-
mum of 9 dB measured from the base frequency The band-
width of the filter is derived from the XTLIN frequency from
this point the b3 dB frequency is selectable via 7 bits in the
control register (FILT
3dB
0 – FILT
3dB
6)
The data synchronizer section incorporates zero-phase-
start (ZPS) and digitally controlled window strobe functions
The voltage controlled oscillator (VCO) is fully integrated
requiring no external components and provides a wide dy-
namic range necessary for zoned data rate applications
Data windowing is based on precise VCO duty cycle sym-
metry (in contrast to delay line based centering) An internal
silicon delay line used to establish the phase detector re-
trace angle automatically tracks zoned data recording data
rate changes The charge pump output (CPO) and voltage
controlled oscillator input (VCOI) are provided as separate
pins allowing ample design flexibility in the external loop
filter Frequency lock may be employed within the synchro-
nization field Charge pump (phase detector) gain may be
selected to remain constant or to vary either by a factor of
two or four as instructed via the charge pump gain pin
(CPGAIN) and a bit in the control register (CPRATIO)
The frequency synthesizer section capable of producing a
large number of frequencies from a single external refer-
ence source generates the write clock and reference fre-
quency for the synchronizer This section includes a phase
locked loop (PLL) with selectable dividers at the input port
and in its feedback loop The values for the dividers are
controlled by two control words within the control register
The user has full control over both the input (five bit word
PDATA6 – PDATA10) and feedback (six bit word PDATA0 –
PDATA5) divider selection The feedback divider has an ex-
tra bit when compared to previous NSC integrated read
channel circuits to improve the resolution of frequency set-
ting All blocks within the synthesizer except the RC loop
filter are fully integrated The loop filter resides external to
the chip giving the user full control over the phase locked
loop’s dynamics
This device is available in an 80-pin 12 mm x 12 mm PQFP
package and operates off of a single a5V supply
Features
Y
Operates at NRZ data rates up to 50 Mbitssec (equiv-
alent 23 (17) code data rate)
Y
Operates with a single a 5V power supply
Y
Multiple power down modes available with dedicated
SLEEP and IDLESERVO power down pins
Y
Sleep mode included where ICC e 2 mA maximum
Y
Directly addresses zoned data recording requirements
Integrated channel filter with selectable equalization
and bandwidth eliminates multiple external filter ele-
ments
Fully integrated frequency synthesizer on-chip to pro-
vide write clock and center frequency for the syn-
chronizer
Y
Selectable delay impedance switch (clamp) at pulse de-
tector input for rapid recovery from the write mode
Y
Pattern insensitive fast AGC for rapid head switch set-
tling and embedded servo normalization
Y
Built-in AGC hold for embedded servo
Y
Two AGC control voltage pins providedone for servo
field and one for data field
Y
Four gated detectors for quadrature embedded servo
information
Y
Two servo difference amplifiers on-chip
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com