Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3085E Datasheet(PDF) 2 Page - Exar Corporation

Part # SP3085E
Description  ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3085E Datasheet(HTML) 2 Page - Exar Corporation

  SP3085E Datasheet HTML 1Page - Exar Corporation SP3085E Datasheet HTML 2Page - Exar Corporation SP3085E Datasheet HTML 3Page - Exar Corporation SP3085E Datasheet HTML 4Page - Exar Corporation SP3085E Datasheet HTML 5Page - Exar Corporation SP3085E Datasheet HTML 6Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APPLICATION NOTE
2
AN207
This has been a common problem with many standard failsafe receiver devices. The termination resistor
causes a potential difference of 0V because the internal biasing circuit is not strong enough to overcome the
termination load. The receiver sensitivity, as per RS-485 specifications, is +/-200mV (see Figure 3).
FIGURE 3. RECEIVER SENSITIVITY
A potential difference of 0V is within the indeterminate range of sensitivity. This may result in an unknown state.
Under this condition, many may find the receiver output state on some devices to be good while others bad. In
fact, some devices with enough noise present may produce an oscillating clock pulse at output. One solution to
this terminated failsafe problem is to include an external biasing network that will provide a >+200mV potential
difference across the termination resistor at receiver input. This external biasing network is a simple pull-up
resistor from "A" input to Vcc and a pull-down resistor from "B" input to GND (See figure 4). The values of the
pull-up/down resistors are selected to provide at least 200mV across "A" and "B" inputs.
FIGURE 4. TERMINATED RECEIVER INPUT WITH BIASING NETWORK
3.0 ENHANCED RECEIVER FAILSAFE
Exar has developed several new families of RS-485/RS-422 transceivers, SP1486, SP3080-3088, SP3495-
3497, XR3170-3178 and XR5486-5488 with an enhanced receiver failsafe feature. This enhanced receiver
failsafe provides failsafe for three different conditions: open input, shorted input and un-driven terminated lines.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com