Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3085E Datasheet(PDF) 1 Page - Exar Corporation

Part # SP3085E
Description  ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3085E Datasheet(HTML) 1 Page - Exar Corporation

  SP3085E Datasheet HTML 1Page - Exar Corporation SP3085E Datasheet HTML 2Page - Exar Corporation SP3085E Datasheet HTML 3Page - Exar Corporation SP3085E Datasheet HTML 4Page - Exar Corporation SP3085E Datasheet HTML 5Page - Exar Corporation SP3085E Datasheet HTML 6Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APPLICATION NOTE
1
AN207
ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
IN RS-485/RS-422 SERIAL TRANSCEIVERS
1.0 INTRODUCTION
RS-485/RS-422 receiver failsafe keeps the data bus in a known state when there are no active drivers on the
bus. The Exar RS-485/RS-422 transceivers offer two different types of receiver failsafe: standard and
enhanced. This application note will discuss how the enhanced receiver failsafe feature can help customers
with failsafe problems while terminated.
2.0 STANDARD RECEIVER FAILSAFE
RS-485/RS-422 devices such as Exar’s SP491 offer a standard receiver failsafe. The standard receiver
failsafe feature for this device will provide a logic high at the receiver output when the receiver inputs are open
circuit or floating. For example, when the data cable is disconnected, the receiver output will keep the line in a
known high state. Standard receiver failsafe has an internal weak biasing network that will force the open
inputs to >200mV thus resulting in a logic high output. Figure 1 shows the receiver configuration for failsafe
logic high output.
FIGURE 1. OPEN INPUT RECEIVER FAILSAFE
Some applications operating at high speeds incorporate a termination resistor at the ends of the bus to
prevent signal reflections. The termination resistor value should match the characteristic impedance of the data
cable. In a majority of applications, the termination resistor is typically 120 ohms. When a termination resistor is
connected between receiver inputs "A" and "B" the standard receiver failsafe feature will not operate properly
(see Figure 2).
FIGURE 2. TERMINATED RECEIVER INPUT


Similar Part No. - SP3085E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3085E SIPEX-SP3085E Datasheet
756Kb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP3085E EXAR-SP3085E Datasheet
1Mb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3085EEN SIPEX-SP3085EEN Datasheet
756Kb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP3085EEN-L EXAR-SP3085EEN-L Datasheet
1Mb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3085EEN-L/TR EXAR-SP3085EEN-L/TR Datasheet
1Mb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
More results

Similar Description - SP3085E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5046 FAIRCHILD-AN-5046 Datasheet
79Kb / 4P
LVDS Receiver Failsafe Biasing Networks
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
Standard features, Features of the CPU08
logo
List of Unclassifed Man...
W199AX-8 ETC2-W199AX-8 Datasheet
1Mb / 11P
Advantages of the W199 Power Relay
logo
Altera Corporation
5AGXFB7K4F40I3N ALTERA-5AGXFB7K4F40I3N Datasheet
522Kb / 39P
Key Advantages of Arria V Devices
5CGXFC7D6 ALTERA-5CGXFC7D6 Datasheet
497Kb / 35P
Key Advantages of Cyclone V Devices
5CSXFC6D ALTERA-5CSXFC6D Datasheet
497Kb / 35P
Key Advantages of Cyclone V Devices
logo
IXYS Corporation
AN-145 IXYS-AN-145 Datasheet
199Kb / 11P
Advantages of Solid-State Relays
logo
Xilinx, Inc
DS083 XILINX-DS083 Datasheet
3Mb / 430P
Summary of Features
XC2V1500-4FFG896C XILINX-XC2V1500-4FFG896C Datasheet
2Mb / 318P
Summary of Features
XC2VP30-6FF896I XILINX-XC2VP30-6FF896I Datasheet
2Mb / 432P
Summary of Features
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com