Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4675TL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4675TL/NOPB
Description  LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4675TL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM4675TL/NOPB Datasheet HTML 1Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 2Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 3Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 4Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 5Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 6Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 7Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 8Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
FET
Drivers
Spread Spectrum
PWM Modulator
Click/Pop
Suppression
Bias
Circuit
Internal
Oscillator
Shutdown
Control
Shutdown
VO1
VO2
-IN
+IN
+
-
Ri
Ri
Input
GND
PGND
VDD
+
CS
4.7 PF
VDD
PVDD
30
60
80
100
120
140
160
180
200
220
240
260
280 300
FREQUENCY (MHz)
15
20
25
30
35
40
45
50
FCC Class B Limit
LM4675TL Output Spectrum
LM4675, LM4675SDBD, LM4675TLBD
SNAS353C – AUGUST 2006 – REVISED MAY 2013
www.ti.com
Figure 1. LM4675 Rf Emissions — 6in cable
Typical Application
Figure 2. Typical Audio Amplifier Application Circuit
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4675 LM4675SDBD LM4675TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com