Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4675TL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM4675TL/NOPB
Description  LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4675TL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4675TL/NOPB Datasheet HTML 3Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 4Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 5Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 6Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 7Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 8Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 9Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 10Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
0
250
500
750
1000
1250
1500
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
0
50
100
150
200
250
0
100
200
300
400
500
0
500
1000
1500
2000
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
0
500
1000
1500
2000
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
OUTPUT POWER (mW)
VDD = 2.5V
0
10
20
30
40
50
60
70
80
90
100
VDD = 3.6V
VDD = 5V
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
LM4675, LM4675SDBD, LM4675TLBD
www.ti.com
SNAS353C – AUGUST 2006 – REVISED MAY 2013
Typical Performance Characteristics (continued)
The performance graphs were taken using the Audio Precision AUX-0025 Switching Amplifier measurement Filter in series
with the LC filter on the demo board.
THD + N vs Frequency
THD + N vs Frequency
VDD = 3.6V, POUT = 100mW, RL = 4Ω
VDD = 5V, POUT = 150mW, RL = 4Ω
Figure 11.
Figure 12.
Efficiency vs. Output Power
Efficiency vs. Output Power
RL = 4Ω, f = 1kHz
RL = 8Ω, f = 1kHz
Figure 13.
Figure 14.
Power Dissipation vs. Output Power
Power Dissipation vs. Output Power
RL = 4Ω, f = 1kHz
RL = 8Ω, f = 1kHz
Figure 15.
Figure 16.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4675 LM4675SDBD LM4675TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com