Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5122 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5122
Description  30W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5122 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5122 Datasheet HTML 1Page - Texas Instruments TAS5122 Datasheet HTML 2Page - Texas Instruments TAS5122 Datasheet HTML 3Page - Texas Instruments TAS5122 Datasheet HTML 4Page - Texas Instruments TAS5122 Datasheet HTML 5Page - Texas Instruments TAS5122 Datasheet HTML 6Page - Texas Instruments TAS5122 Datasheet HTML 7Page - Texas Instruments TAS5122 Datasheet HTML 8Page - Texas Instruments TAS5122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TAS5122
SLES088D – AUGUST 2003 – REVISED MAY 2004
30W STEREO DIGITAL AMPLIFIER POWER STAGE
TM
FEATURES
D 2 × 30 W (BTL) Into 6 Ω at 1 kHz
D 95-dB Dynamic Range (in System With
TAS5026)
D < 0.2% THD+N (in System – 30 W RMS Into
6-
Ω Resistive Load)
D Device Power Efficiency Typical >90% Into
6-
Ω Load
D Self-Protection Design (Including
Undervoltage, Overtemperature, and Short
Conditions) With Error Reports
D Internal Gate Drive Supply Voltage Regulator
D EMI Compliant When Used With
Recommended System Design
APPLICATIONS
D DVD Receiver
D Home Theatre
D Mini/Micro Component Systems
D Internet Music Appliance
DESCRIPTION
The TAS5122 is a high-performance, integrated stereo
digital amplifier power stage designed to drive 6-
Ω
speakers at up to 30 W per channel. The device
incorporates TI’s PurePath Digital
t technology and is
used with a digital audio PWM processor (TAS50XX) and
a simple passive demodulation filter to deliver high-quality,
high-efficiency, true-digital audio amplification.
The efficiency of this digital amplifier is typically greater
than 90%. Overcurrent protection, overtemperature
protection, and undervoltage protection are built into the
TAS5122, safeguarding the device and speakers against
fault conditions that could damage the system.
f − Frequency − Hz
20
100
1k
10k
0.01
0.1
1
20k
RL = 6 Ω
TC = 75°C
THD + NOISE vs FREQUENCY
PO = 1 W
PO = 10 W
PO − Output Power − W
40m
100m
10
40
0.01
0.1
1
THD + NOISE vs OUTPUT POWER
RL = 6 Ω
TC = 75°C
1
PO = 30 W
PurePath Digital and PowerPAD are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated


Similar Part No. - TAS5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5122 TI-TAS5122 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122 Datasheet
240Kb / 20P
PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
TAS5122 TI2-TAS5122 Datasheet
1Mb / 26P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
REVISED DECEMBER 2004
TAS5122DCA TI-TAS5122DCA Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122DCA TI-TAS5122DCA Datasheet
240Kb / 20P
PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
More results

Similar Description - TAS5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_07 Datasheet
463Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com