Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL322IP Datasheet(PDF) 1 Page - Texas Instruments

Part # TL322IP
Description  DUAL LOW-POWER OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL322IP Datasheet(HTML) 1 Page - Texas Instruments

  TL322IP Datasheet HTML 1Page - Texas Instruments TL322IP Datasheet HTML 2Page - Texas Instruments TL322IP Datasheet HTML 3Page - Texas Instruments TL322IP Datasheet HTML 4Page - Texas Instruments TL322IP Datasheet HTML 5Page - Texas Instruments TL322IP Datasheet HTML 6Page - Texas Instruments TL322IP Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TL322C, TL322I
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
SLOS086 – D2567, OCTOBER 1979 – REVISED OCTOBER 1990
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1990, Texas Instruments Incorporated
1
• Wide Range of Supply Voltages
Single Supply . . . 5 V to 30 V
Dual Supplies...
± 2.5 V to ± 15 V
• Class AB Output Stage
• True Differential Input Stage
• Low Input Bias Current
• Internal Frequency Compensation
• Short-Circuit Protection
description
The TL322C and the TL322I are dual operational
amplifiers similar in performance to the uA741 but
with several distinct advantages. They are
designed to operate from a single supply over a
range of voltages from 5 V to 30 V. Operation from
split supplies is also possible provided the
difference between the two supplies is 5 V to 30 V.
The common-mode input range includes the
negative supply. Output range is from the negative
supply to VCC –1.5 V. Quiescent supply currents
per amplifier are typically less than one-half those
of the uA741.
The TL322C is characterized for operation from
0
°C to 70°C. The TL322I is characterized for
operation from – 40
°C to 85°C.
schematic (each amplifier)
60 k
Ω
2 k
Ω
25
Ω
IN –
IN +
VCC +
Common Bias Circuitry
VCC –/GND
OUT
To Other
Amplifier
2.4 k
Ω
5 pF
All component values shown are nominal.
IN –
–
+
IN +
Output
symbol (each amplifier)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VCC– /GND
VCC +
2OUT
2IN –
2IN +
D OR P PACKAGE
(TOP VIEW)
PACKAGE
PLASTIC
DIP
(P)
AVAILABLE OPTIONS
D packages are available taped and reeled. Add R suffix to
device type, (e.g., TL322CDR).
VIO MAX
AT 25
°C
TA
SMALL OUTLINE
(D)
0
°C
to
70
°c
10 mV
TL322CD
TL322CP
0
°C
to
70
°c
8 mV
TL322ID
TL322IP
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TL322IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL322IP TI1-TL322IP Datasheet
229Kb / 10P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TL322IP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com