Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL322IP Datasheet(PDF) 2 Page - Texas Instruments

Part # TL322IP
Description  DUAL LOW-POWER OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL322IP Datasheet(HTML) 2 Page - Texas Instruments

  TL322IP Datasheet HTML 1Page - Texas Instruments TL322IP Datasheet HTML 2Page - Texas Instruments TL322IP Datasheet HTML 3Page - Texas Instruments TL322IP Datasheet HTML 4Page - Texas Instruments TL322IP Datasheet HTML 5Page - Texas Instruments TL322IP Datasheet HTML 6Page - Texas Instruments TL322IP Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TL322C, TL322I
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
SLOS086 – D2567, OCTOBER 1979 – REVISED OCTOBER 1990
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
TL322C
TL322I
UNIT
Supply voltage VCC + (see Note 1)
18
18
V
Supply voltage VCC – (see Note 1)
–18
–18
V
Supply voltage VCC + (with respect to VCC –)
36
36
V
Differential input voltage (see Note 2)
±36
±36
V
Input voltage (see Notes 1 and 3)
±18
±18
V
Continuous total power disspation
See Dissipation Rating Table
Operating free-air temperature range
0 to 70
– 40 to 85
°C
Storage temperature range
– 65 to 150
– 65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
260
°C
NOTES: 1. These voltage values are with respect to the midpoint between VCC + and VCC –.
2. Differential voltages are at the noninverting input terminal with respect to the inverting input terminal.
3. Neither input must ever be more positive than VCC + or more negative than VCC –.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
680 mW
5.8 mW/
°C
33
°C
464 mW
377 mW
P
680 mW
8.0 mW/
°C
65
°C
640 mW
520 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Single supply voltage, VCC
5
30
V
Dual supply voltage, VCC +
2.5
15
V
Dual supply voltage, VCC –
– 2.5
– 15
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com