Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS6 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BGS6
Description  50-4000 MHz SILICON GERMANIUM Gain Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS6 Datasheet(HTML) 1 Page - BeRex Corporation

  BGS6 Datasheet HTML 1Page - BeRex Corporation BGS6 Datasheet HTML 2Page - BeRex Corporation BGS6 Datasheet HTML 3Page - BeRex Corporation BGS6 Datasheet HTML 4Page - BeRex Corporation BGS6 Datasheet HTML 5Page - BeRex Corporation BGS6 Datasheet HTML 6Page - BeRex Corporation BGS6 Datasheet HTML 7Page - BeRex Corporation BGS6 Datasheet HTML 8Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Rev. A
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
3 ~ 3.3V supply
No Dropping Resistor Required
No matching circuit needed
Lead-free/Green/RoHS compliant SOT-343 package
BeRex’s BGS6 is a high SiGe HBT MMIC am-
plifier, internally matched to 50 Ohms with-
out the need for external components. De-
signed to run directly from a 3.3V supply.
The BGS6 is designed for high linearity 3.3V
gain block applications . It is packaged in a
RoHS-compliant with SOT-343 surface
Product Description
Device Features
Drive Amplifier
Cellular, PCS, GSM, UMTS, WCDMA, LTE
Applications
Applications Circuit
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured with two tones at an output of 0 dBm per tone separated by 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
Min.
Typical
Max.
Unit
Bandwidth
70
4000
MHz
IC @ (Vc = 3.3V)
23
27
31
mA
VC
3.3
V
RTH
130
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+150
Operating Voltage
V
+3.6
Supply Current
mA
100
Input RF Power
dBm
15
Operation of this device above any of these parameters may result in permanent damage.
Pin Description
RF IN
3
RF OUT
1
GND
2,4
Part Marking (X: Wafer number)
Parameter
Frequency
Unit
400
900
1900
2450
2650
MHz
Gain
23.3
21.8
18.0
16.2
15.6
dB
S11
-22.0
-19.0
-17.0
-17.0
-16.5
dB
S22
-19.0
-16.0
-10.5
-10.0
-10.0
dB
OIP3
2
26.0
26.0
26.0
24.0
23.0
dBm
P1dB
16.5
17.0
14.0
12.5
12.0
dBm
N.F
3.0
2.9
3.0
3.3
3.5
dB
Application Circuit Values Example
Freq.
300~500MHz
700MHz ~ 3GHz
C1/C2
2nF
100pF
C3
100pF
100pF
C4
1nF
1nF
L1
820nH
56nH
(1608 Chip Ind.)
BGS6
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6
L1
C1
C3
C4
RFin
RFout
+3.3V
C2


Similar Part No. - BGS6

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS6 BEREX-BGS6 Datasheet
1Mb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6 Datasheet
715Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6 Datasheet
770Kb / 9P
50-4000 MHz SILICON GERMANIUM Gain Block
Rev. 9.2
logo
NXP Semiconductors
BGS67 PHILIPS-BGS67 Datasheet
49Kb / 8P
65 MHz, 25.5 dB gain reverse amplifier
2002 Sep 06
BGS67A PHILIPS-BGS67A Datasheet
49Kb / 8P
65 MHz, 25.5 dB gain reverse amplifier
2002 Sep 06
More results

Similar Description - BGS6

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2463Z SIRENZA-SGC-2463Z Datasheet
306Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
logo
BeRex Corporation
BGS2 BEREX-BGS2 Datasheet
815Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1 Datasheet
795Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1_16 Datasheet
1,014Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_16 Datasheet
917Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_16 Datasheet
1Mb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1_18 Datasheet
638Kb / 9P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_18 Datasheet
639Kb / 9P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_18 Datasheet
715Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com