Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS6 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BGS6
Description  50-4000 MHz SILICON GERMANIUM Gain Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS6 Datasheet(HTML) 3 Page - BeRex Corporation

  BGS6 Datasheet HTML 1Page - BeRex Corporation BGS6 Datasheet HTML 2Page - BeRex Corporation BGS6 Datasheet HTML 3Page - BeRex Corporation BGS6 Datasheet HTML 4Page - BeRex Corporation BGS6 Datasheet HTML 5Page - BeRex Corporation BGS6 Datasheet HTML 6Page - BeRex Corporation BGS6 Datasheet HTML 7Page - BeRex Corporation BGS6 Datasheet HTML 8Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Rev. A
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6
S-Parameter
(Vdevice = 3.3V, Icc = 26mA, T = 25 °C, calibrated to device leads)
Typical Device Data
S-parameters (Vc=3.3V, Ic=26mA, T=25°C)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
70
0.04
-155.22
16.29
167.53
0.04
7.11
0.06
-145.56
900
0.21
41.30
12.62
125.42
0.05
13.57
0.13
86.41
1000
0.22
36.48
12.10
121.86
0.05
13.35
0.14
83.10
1500
0.21
20.11
10.43
103.05
0.05
21.21
0.21
72.16
2000
0.12
10.78
8.53
80.43
0.06
24.96
0.23
65.68
2500
0.06
68.07
6.41
66.87
0.07
26.22
0.28
67.77
3500
0.22
98.26
4.80
45.86
0.08
31.06
0.36
55.89
4000
0.30
82.94
4.07
36.16
0.08
34.11
0.40
49.61



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com