Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS5 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BGS5
Description  40-4000 MHz SILICON GERMANIUM Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS5 Datasheet(HTML) 4 Page - BeRex Corporation

  BGS5 Datasheet HTML 1Page - BeRex Corporation BGS5 Datasheet HTML 2Page - BeRex Corporation BGS5 Datasheet HTML 3Page - BeRex Corporation BGS5 Datasheet HTML 4Page - BeRex Corporation BGS5 Datasheet HTML 5Page - BeRex Corporation BGS5 Datasheet HTML 6Page - BeRex Corporation BGS5 Datasheet HTML 7Page - BeRex Corporation BGS5 Datasheet HTML 8Page - BeRex Corporation BGS5 Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Rev. D
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
40-4000 MHz SILICON GERMANIUM Gain Block
BGS5
Typical Performance (Vd = 2.7V, Ic = 39mA, T = 25°C)
Freq
MHz
70
900
1900
2140
2450
50
2650
40
S21
dB
18
16.7
14.9
14.6
14.1
18.4
13.7
18.7
S11
dB
15.7
21.9
20.3
23.4
28.2
12.8
23.7
10.9
S22
dB
21.8
17.8
14.9
15.2
15.8
20.8
16.1
19.8
P1
dBm
13.8
13.7
13.3
12.8
12.8
13.5
13.1
13.4
OIP3
dBm
29.4
27.7
26.1
25.4
24.8
29.8
25
29.5
NF
dB
2.2
2.38
2.6
2.68
2.75
2.04
2.83
2.08
Typical Performance (Vd = 2.8V, Ic = 43mA, T = 25°C)
Freq
MHz
70
900
1900
2140
2450
50
2650
40
S21
dB
18.1
16.8
15
14.7
14.2
18.5
13.8
18.8
S11
dB
15.7
21
19
22.8
29.3
12.8
24.9
11
S22
dB
21
17.5
15
15.4
16.1
20
16.4
20
P1
dBm
14.4
14.4
14
13.5
13.5
14.1
13.9
14.1
OIP3
dBm
30.8
29
27.3
26.6
26
31.2
26.1
30.7
NF
dB
2.2
2.39
2.62
2.69
2.76
2.07
2.84
2.1
Typical Performance (Vd = 2.9V, Ic = 48mA, T = 25°C)
Freq
MHz
70
900
1900
2140
2450
50
2650
40
S21
dB
18.1
16.8
15.1
14.7
14.2
18.6
13.9
18.9
S11
dB
15.6
20.4
19.5
22.5
30
12.8
26.2
11
S22
dB
21
17.2
15
15.5
16.3
20.6
16.6
20
P1
dBm
14.9
15.1
14.7
14.1
14.1
14.6
14.5
14.6
OIP3
dBm
32
30.3
28.3
27.6
27
32.3
27
32.2
NF
dB
2.22
2.41
2.64
2.71
2.78
2.08
2.85
2.13



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com