Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS5 Datasheet(PDF) 6 Page - BeRex Corporation

Part # BGS5
Description  40-4000 MHz SILICON GERMANIUM Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS5 Datasheet(HTML) 6 Page - BeRex Corporation

  BGS5 Datasheet HTML 1Page - BeRex Corporation BGS5 Datasheet HTML 2Page - BeRex Corporation BGS5 Datasheet HTML 3Page - BeRex Corporation BGS5 Datasheet HTML 4Page - BeRex Corporation BGS5 Datasheet HTML 5Page - BeRex Corporation BGS5 Datasheet HTML 6Page - BeRex Corporation BGS5 Datasheet HTML 7Page - BeRex Corporation BGS5 Datasheet HTML 8Page - BeRex Corporation BGS5 Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Rev. D
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
40-4000 MHz SILICON GERMANIUM Gain Block
BGS5
Device Performance
Pin-Pout-Gain
900MHz, 3V/52mA
1900 MHz, 3V/52mA
OIP3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com