Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS4 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BGS4
Description  50-4000 MHz Cascadable InGaP HBT Gain Block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS4 Datasheet(HTML) 2 Page - BeRex Corporation

  BGS4 Datasheet HTML 1Page - BeRex Corporation BGS4 Datasheet HTML 2Page - BeRex Corporation BGS4 Datasheet HTML 3Page - BeRex Corporation BGS4 Datasheet HTML 4Page - BeRex Corporation BGS4 Datasheet HTML 5Page - BeRex Corporation BGS4 Datasheet HTML 6Page - BeRex Corporation BGS4 Datasheet HTML 7Page - BeRex Corporation BGS4 Datasheet HTML 8Page - BeRex Corporation BGS4 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
Rev. C
V-I Characteristics
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4
BeRex SOT363 Evaluation Board
Typical Device Data
S-parameters (Vc=3.3V, Ic=26mA, T=25°C)
*Dielectric constant _ 4.2 *RF pattern width 52mil *31mil thick FR4
*Without vias under device degrade device performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com