Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS4 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BGS4
Description  50-4000 MHz Cascadable InGaP HBT Gain Block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS4 Datasheet(HTML) 1 Page - BeRex Corporation

  BGS4 Datasheet HTML 1Page - BeRex Corporation BGS4 Datasheet HTML 2Page - BeRex Corporation BGS4 Datasheet HTML 3Page - BeRex Corporation BGS4 Datasheet HTML 4Page - BeRex Corporation BGS4 Datasheet HTML 5Page - BeRex Corporation BGS4 Datasheet HTML 6Page - BeRex Corporation BGS4 Datasheet HTML 7Page - BeRex Corporation BGS4 Datasheet HTML 8Page - BeRex Corporation BGS4 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
Rev. C
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4
Single Fixed 3.3V supply
Internally matched to 50 ohms
30.0 dBm Output IP3 at -3 dBm/tone at 1900MHz
14.2 dB Gain at 1900MHz
2.1dB Typical N.F
Highly Reliable InGaP/GaAs HBT Technology
Lead-free/RoHS-compliant SOT-363 SMT package
BeRex’s BGS4 is a high performance InGaP/
GaAs HBT MMIC amplifier, internally
matched to 50 Ohms and uses a patented
temperature compensation circuit to pro-
vide stable current over the operating tem-
perature range without the need for exter-
nal components. The BGS4 is designed for
high linearity gain block applications that
require excellent gain flatness. It is packaged
in a RoHS-compliant with SOT-363 surface
mount package.
Product Description
Device Features
 Base station Infrastructure/RFID
 Commercial/Industrial/Military wireless system
Applications
Applications Circuit
1 Device performance _ measured on BeRex’s evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured on two tones with a output power -3 dBm/ tone , F2—F1 = 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
Min.
Typical
Max.
Unit
Bandwidth
50
4000
MHz
IC @ (Vc = 3.3V)
21
26
31
mA
VC
3.3
V
dG/dT
-0.0026
dB/°C
RTH
62
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+220
Operating Voltage
V
+5
Supply Current
mA
110
Input RF Power
dBm
24
Operation of this device above any of these parameters may result in permanent damage.
BOM 50~500MHz 700~1700MHz
2500~4000MHz
1700~2400MHz
C1
820pF
100pF
10pF
10pF
C2
820pF
100pF
10pF
10pF
C3
100pF
100pF
100pF
100pF
C4
1nF
1000pF
1000pF
1000pF
C5
1uF
1uF
1uF
1uF
L1
820nH
82nH
18nH
27nH
Part Marking (X:Wafer number)
BS4
X
IN
GND
GND
OUT
GND
GND
Parameter
Frequency
Unit
70
900
1900 2140 2650 3500
MHz
Gain
24.7
19.7
14.2
13.2
11.1
10.3
dB
S11
-19.6 -11.9 -11.4 -13.1 -21.7 -13.2
dB
S22
-14
-18.7 -19.7
-17
-12
-13.9
dB
OIP32
31
28
30
29.5
30
30.8
dBm
P1dB
20.4
19.9
18.8
19
19
18.9
dBm
N.F
2.2
2.1
2.1
2.1
2.2
2.6
dB


Similar Part No. - BGS4

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS4 BEREX-BGS4 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4 Datasheet
823Kb / 3P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4 Datasheet
952Kb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
Rev. 13.0
BGS4 BEREX-BGS4_16 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_18 Datasheet
823Kb / 3P
50-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BGS4

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG15A BEREX-BG15A Datasheet
1Mb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12C BEREX-BG12C Datasheet
1Mb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12B BEREX-BG12B Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG11C BEREX-BG11C Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_16 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG11C BEREX-BG11C_18 Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_18 Datasheet
823Kb / 3P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12B BEREX-BG12B_18 Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12C BEREX-BG12C_18 Datasheet
1Mb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG15A BEREX-BG15A_18 Datasheet
1,015Kb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com