Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSEM Datasheet(PDF) 1 Page - Samtec, Inc

Part # LSEM
Description  0,80 mm (.0315?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

LSEM Datasheet(HTML) 1 Page - Samtec, Inc

  LSEM Datasheet HTML 1Page - Samtec, Inc LSEM Datasheet HTML 2Page - Samtec, Inc LSEM Datasheet HTML 3Page - Samtec, Inc LSEM Datasheet HTML 4Page - Samtec, Inc LSEM Datasheet HTML 5Page - Samtec, Inc LSEM Datasheet HTML 6Page - Samtec, Inc LSEM Datasheet HTML 7Page - Samtec, Inc LSEM Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product Specification
Series: LSEM 0,80 mm (.0315”) Razor Beam™ High Speed Hermaphroditic Terminal/Socket Strip
Revision: B
Date: October 30, 2015
© Samtec, Inc.
Page 1
LSEM Series
– Terminal/Socket, Vertical Orientation
Other configurations available for:
Right Angle Application
See www.samtec.com for more information.


Similar Part No. - LSEM

ManufacturerPart #DatasheetDescription
logo
3M Electronics
LSE-060 3M-LSE-060 Datasheet
735Kb / 9P
VHB Tape - Specialty Tapes
Jan-2020
LSE-060WF 3M-LSE-060WF Datasheet
170Kb / 3P
3M??VHB??Tape LSE Series
LSE-110 3M-LSE-110 Datasheet
735Kb / 9P
VHB Tape - Specialty Tapes
Jan-2020
LSE-110WF 3M-LSE-110WF Datasheet
170Kb / 3P
3M??VHB??Tape LSE Series
LSE-160 3M-LSE-160 Datasheet
735Kb / 9P
VHB Tape - Specialty Tapes
Jan-2020
More results

Similar Description - LSEM

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
LSS-130-02-L SAMTEC-LSS-130-02-L Datasheet
760Kb / 1P
HIGH SPEED HERMAPHRODITIC STRIP
ERF5 SAMTEC-ERF5 Datasheet
682Kb / 8P
0,50 mm (.0197?? Edge Rate??Rugged High Speed Socket / Terminal Strip
LSS SAMTEC-LSS Datasheet
700Kb / 8P
0,635mm (.025?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
QSE SAMTEC-QSE Datasheet
603Kb / 8P
0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSS SAMTEC-QSS Datasheet
646Kb / 8P
0,635mm High Speed Socket / Terminal Strips
QTE SAMTEC-QTE Datasheet
603Kb / 8P
0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QTS SAMTEC-QTS Datasheet
646Kb / 8P
0,635mm High Speed Socket / Terminal Strips
LS2-120-01-L-D-RA1 SAMTEC-LS2-120-01-L-D-RA1 Datasheet
209Kb / 1P
SELF MATING HERMAPHRODITIC STRIP
LSHM-150-04.0-L-DV SAMTEC-LSHM-150-04.0-L-DV Datasheet
316Kb / 1P
HIGH-SPEED HERMAPHRODITIC STRIP
LSS-110-02-F-DV-A SAMTEC-LSS-110-02-F-DV-A Datasheet
265Kb / 1P
High-speed/High-density HIGH-SPEED HERMAPHRODITIC STRIP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com