Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSEM Datasheet(PDF) 2 Page - Samtec, Inc

Part # LSEM
Description  0,80 mm (.0315?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

LSEM Datasheet(HTML) 2 Page - Samtec, Inc

  LSEM Datasheet HTML 1Page - Samtec, Inc LSEM Datasheet HTML 2Page - Samtec, Inc LSEM Datasheet HTML 3Page - Samtec, Inc LSEM Datasheet HTML 4Page - Samtec, Inc LSEM Datasheet HTML 5Page - Samtec, Inc LSEM Datasheet HTML 6Page - Samtec, Inc LSEM Datasheet HTML 7Page - Samtec, Inc LSEM Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
Series: LSEM 0,80 mm (.0315”) Razor Beam™ High Speed Hermaphroditic Terminal/Socket Strip
Revision: B
Date: October 30, 2015
© Samtec, Inc.
Page 2
1.0 SCOPE
1.1 This specification covers performance, testing and quality requirements for Samtec 0,80 mm (.0315
”) Razor
Beam™ High Speed Hermaphroditic Terminal/Socket Strip connectors. All information contained in this
specification is for two LSEM connectors in a 6 mm mated height vertical configuration unless otherwise noted.
2.0 DETAILED INFORMATION
2.1 Product prints, footprints, catalog pages, test reports and other specific, detailed information can be found at
www.samtec.com?LSEM.
3.0 TESTING
3.1 Current Rating: 1.8 A (One Pin Powered Per Row)
3.2 Voltage Rating: 225 VAC
3.3 Operating Temperature Range: -55°C to +125°C
3.4 Electrical:
3.5 Mechanical:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Durability
EIA-364-09C
100 cycles
Pass
Random Vibration
EIA-364-28 Condition V, Letter B
7.56 G 'RMS', 50 to 2000 Hz, 2
hours per axis, 3 axis total , PSD
0.04
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Event Detection: No interruption >
50 Nanoseconds
Pass
Mechanical Shock
EIA-364-27 100 G, 6
milliseconds, sawtooth wave,
11.3 fps, 3 shocks/direction, 3
axis (18 total shocks)
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Event Detection: No interruption >
50 Nanoseconds
Pass
Normal Force
EIA-364-04
30 grams minimum for gold
interface
Pass
ITEM
TEST CONDITION
REQUIREMENT
Withstanding Voltage
EIA-364-20 (No Flashover,
Sparkover, or Breakdown)
675 VAC
Insulation Resistance
EIA-364-21 (1000 MΩ
minimum)
5,000 MΩ
Contact Resistance (LLCR)
EIA-364-23
Δ 15 mΩ maximum (Samtec defined)/
No damage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com