Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8570 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8570
Description  Timer Clock Peripheral (TCP)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8570 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP8570 Datasheet HTML 13Page - National Semiconductor (TI) DP8570 Datasheet HTML 14Page - National Semiconductor (TI) DP8570 Datasheet HTML 15Page - National Semiconductor (TI) DP8570 Datasheet HTML 16Page - National Semiconductor (TI) DP8570 Datasheet HTML 17Page - National Semiconductor (TI) DP8570 Datasheet HTML 18Page - National Semiconductor (TI) DP8570 Datasheet HTML 19Page - National Semiconductor (TI) DP8570 Datasheet HTML 20Page - National Semiconductor (TI) DP8570 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Functional Description (Continued)
TIMER 0 AND 1 CONTROL REGISTER
TLF8638 – 15
These registers control the operation of the timers Each
timer has its own register
D0
This bit will Start (1) or Stop (0) the timer When the
timer is stopped the timer’s prescaler and counter are reset
and the timer will restart from the beginning when started
again In mode 0 on time out the TSS bit is internally reset
D1 and D2
These control the count mode of the timers
See Table VI
D3 – D5
These bits control which clock signal is applied to
the timer’s counter input There is one external clock input
pin (TCK) and either (or both) timer(s) can be selected to
run off this pin refer to Table IV for details
D6
This is the read bit If a one is written into this location it
will cause the contents of the timer to be latched into a
holding register which can be read by the mP at any time
Reading the least significant byte of the timer will reset the
RD bit The timer read cycle can be aborted by writing RD to
zero
D7
The CHG bit has two mode dependent functions In
modes 0 through 2 writing a one to this bit will suspend the
timer operation (without resetting the timer prescaler) How-
ever in mode 3 this bit is used to trigger or re-trigger the
count sequence as with the gate pins If retriggering is de-
sired using the CHG bit it is not necessary to write a zero to
this location prior to the re-trigger The action of further writ-
ing a one to this bit will re-trigger the count
PERIODIC FLAG REGISTER
TLF8638 – 16
The Periodic Flag Register has the same bit for bit corre-
spondence as Interrupt Control Register 0 except for D6
and D7 For normal operation (ie not a single supply appli-
cation) this register must be written to on initial power up or
after an oscillator fail event D0 – D5 are read only bits D6
and D7 are readwrite
D0 – D5
These bits are set by the real time rollover events
(Time Change e 1) The bits are reset when the register is
read and can be used as selective data change flags
D6
This bit performs a dual function When this bit is read a
one indicates that an oscillator failure has occurred and the
time information may have been lost Some of the ways an
oscillator failure may be caused are failure of the crystal
shorting OSC IN or OSC OUT to GND or VCC removal of
crystal removal of battery when in the battery backed mode
(when a ‘0’ is written to D6) lowering the voltage at the VBB
pin to a value less than 22V when in the battery backed
mode Bit D6 is automatically set to 1 on initial power-up or
an oscillator fail event The oscillator fail flag is reset by
writing a one to the clock startstop bit in the Real Time
Mode Register with the crystal oscillating
When D6 is written to it defines whether the TCP is being
used in battery backed (normal) or in a single supply mode
application When set to a one this bit configures the TCP
for single power supply applications This bit is automatically
set on initial power-up or an oscillator fail event When set
D6 disables the oscillator reference circuit The result is that
the oscillator is referenced to VCC When a zero is written to
D6 the oscillator reference is enabled thus the oscillator is
referenced to VBB This allows operation in standard battery
standby applications
At initial power on if the DP8570A is going to be pro-
grammed for battery backed mode the VBB pin should be
connected to a potential in the range of 22V to VCC b
04V
For single supply mode operation the VBB pin should be
connected to GND and the PFAIL pin connected to VCC
D7
Writing a one to this bit enables the test mode register
at location 1F (see Table VII) This bit should be forced to
zero during initialization for normal operation If the test
mode has been entered clear the test mode register before
leaving test mode (See separate test mode application
note for further details)
INTERRUPT ROUTING REGISTER
TLF8638 – 17
D0 – D4
The lower 5 bits of this register are associated with
the main interrupt sources created by this chip The purpose
of this register is to route the interrupts to either the MFO
(multi-function pin) or to the main interrupt pin When any
bit is set the associated interrupt signal will be sent to the
MFO pin and when zero it will be sent to the INTR pin
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com