Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8570 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8570
Description  Timer Clock Peripheral (TCP)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8570 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP8570 Datasheet HTML 14Page - National Semiconductor (TI) DP8570 Datasheet HTML 15Page - National Semiconductor (TI) DP8570 Datasheet HTML 16Page - National Semiconductor (TI) DP8570 Datasheet HTML 17Page - National Semiconductor (TI) DP8570 Datasheet HTML 18Page - National Semiconductor (TI) DP8570 Datasheet HTML 19Page - National Semiconductor (TI) DP8570 Datasheet HTML 20Page - National Semiconductor (TI) DP8570 Datasheet HTML 21Page - National Semiconductor (TI) DP8570 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Functional Description (Continued)
D5
The Delay Enable bit is used when a power fail occurs
If this bit is set a 480 ms delay is generated internally before
the mP interface is locked out This will enable the mPto
access the registers for up to 480 ms after it receives a
power fail interrupt After a power failure is detected but
prior to the 480 ms delay timing out the host mP may force
immediate lock out by resetting the Delay Enable bit Note if
this bit is a 0 when power fails then after a delay of 30 ms
min63 ms max the mP cannot read the chip
D6
This read only bit is set and reset by the voltage at the
VBB pin It can be used by the mP to determine whether the
battery voltage at the VBB pin is getting too low A compara-
tor monitors the battery and when the voltage is lower than
21V (typical) this bit is set The power fail interrupt must be
enabled to check for a low battery voltage
D7
Time Save Enable bit controls the loading of real-time-
clock data into the Time Save RAM When a one is written
to this bit the Time Save RAM will follow the corresponding
clock registers and when a zero is written to this bit the time
in the Time Save RAM is frozen This eliminates any syn-
chronization problems when reading the clock thus negat-
ing the need to check for a counter rollover during a read
cycle
This bit must be set to a one prior to power failing to enable
the Time Save feature When the power fails this bit is auto-
matically reset and the time is saved in the Time Save RAM
REAL TIME MODE REGISTER
TLF8638 – 18
D0 – D1
These are the leap year counter bits These bits are
written to set the number of years from the previous leap
year The leap year counter increments on December 31st
and it internally enables the February 29th counter state
This method of setting the leap year allows leap year to
occur whenever the user wishes to thus providing flexibility
in implementing Japanese leap year function
LY1
LY0
Leap Year
Counter
0
0
Leap Year Current Year
0
1
Leap Year Last Year
1
0
Leap Year 2 Years Ago
1
1
Leap Year 3 Years Ago
D2
The count mode for the hours counter can be set to
either 24 hour mode or 12 hour mode with AMPM indicator
A one will place the clock in 12 hour mode
D3
This bit is the master StartStop bit for the clock When
a one is written to this bit the real time counter’s prescaler
and counter chain are enabled When this bit is reset to zero
the contents of the real time counter is stopped and the
prescaler is cleared When the TCP is initially powered up
this bit will be held at a logic 0 until the oscillator starts
functioning correctly after which this bit may be modified If
an oscillator fail event occurs this bit will be reset to logic 0
D4
This bit controls the operation of the interrupt output in
standby mode If set to a one it allows Alarm Periodic and
Power Fail interrupts to be functional in standby mode Tim-
er interrupts will also be functional provided that bit D5 is
also set Note that the MFO and INTR pins are configured
as open drain in standby mode
If bit D4 is set to a zero then interrupt control register 0 and
bits D6 and D7 of interrupt control register 1 will be reset
when the TCP enters the standby mode (VBB l VCC) They
will have to be re-configured when system (VCC) power is
restored
D5
This bit controls the operation of the timers in standby
mode If set to a one the timers will continue to function
when the TCP is in standby mode The input pins TCK G0
G1 are locked out in standby mode and cannot be used
Therefore external control of the timers is not possible in
standby mode Note also that MFO and T1 pins are auto-
matically reconfigured open drain during standby
D6 and D7
These two bits select the crystal clock frequen-
cy as per the following table
XT1
XT0
Crystal
Frequency
0
0
32768 kHz
0
1
4194304 MHz
1
0
49152 MHz
1
1
32000 kHz
All bits are ReadWrite and any mode written into this regis-
ter can be determined by reading the register On initial
power up these bits are random
OUTPUT MODE REGISTER
TLF8638 – 19
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com