Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP211
Description  5V RS-232 Serial Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP211 Datasheet(HTML) 3 Page - Exar Corporation

  SP211 Datasheet HTML 1Page - Exar Corporation SP211 Datasheet HTML 2Page - Exar Corporation SP211 Datasheet HTML 3Page - Exar Corporation SP211 Datasheet HTML 4Page - Exar Corporation SP211 Datasheet HTML 5Page - Exar Corporation SP211 Datasheet HTML 6Page - Exar Corporation SP211 Datasheet HTML 7Page - Exar Corporation SP211 Datasheet HTML 8Page - Exar Corporation SP211 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com SP206, 207, 208, 2_0_060
Parameter
TEST CONDITIONS
MIN
TYP
MAX
Unit
DYNAMIC CHARACTERISTICS
Receiver Propagation Delay
RS-232 to TTL,
.5
μs
Instantaneous Slew Rate
C
L = 50pF, RL = 3-7kΩ, Ta=25°C
30
V/ μs
Transition Region Slew Rate
C
L = 2500pF, RL = 3kΩ;
Measured from +3V to -3V or
-3V to +3V
5
V/ μs
Output Enable Time
400
ns
Output Disable Time
250
ns
POWER REQUIREMENTS
Vcc (SP207)
4.75
5.00
5.25
Volts
Vcc (SP206, SP208 and SP2)
4.50
5.00
5.5
Volts
Vcc Power Supply Current
No Load, Vcc = +/-0%,Ta=25°C
4
0
mA
Vcc Power Supply Current, Loaded
All Transmitters RL = 3kΩ,
Ta=25°C
20
mA
Shutdown Supply Current
Ta=25°C

0
μA
ENVIRONMENTAl AND MECHANICAl
Operating Temperature, Commercial, _C
0
+70
°C
Operating Temperature, Extended, _E
-40
+85
°C
Storage Temperature
-65
+50
°C
Package _A
Shrink (SSOP) small outline
Package _T
Wide (SOIC) small outline
ElECTRICAl CHARACTERISTICS
Vcc = 5.0V, C to C4 = 0.μF, Tmin to Tmax, unless otherwise noted.
Transmitter Output
R
L = 3kΩ, CL = 5,000pF
Transmitter Output
R
L = 3kΩ, CL = 2,500pF
Receiver Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com