Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP211
Description  5V RS-232 Serial Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP211 Datasheet(HTML) 1 Page - Exar Corporation

  SP211 Datasheet HTML 1Page - Exar Corporation SP211 Datasheet HTML 2Page - Exar Corporation SP211 Datasheet HTML 3Page - Exar Corporation SP211 Datasheet HTML 4Page - Exar Corporation SP211 Datasheet HTML 5Page - Exar Corporation SP211 Datasheet HTML 6Page - Exar Corporation SP211 Datasheet HTML 7Page - Exar Corporation SP211 Datasheet HTML 8Page - Exar Corporation SP211 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com SP206, 207, 208, 2_0_060
DESCRIPTION
FEATURES
SP206/207/208/211
+5V RS-232 Serial Transceivers
• 0.μF External Charge Pump Capacitors
• 20kbps Data Rate
• Standard SOIC and SSOP Packaging
• Multiple Drivers and Receivers
• Single 5V Supply Operation
• .0μA Shutdown Mode
• Tri-State Receiver Outputs
• Meets all RS-232F and V.28 Specifications
• Improved Driver Output Capacity for Mouse
Applications
• +/-0kV ESD Protection*
The SP206, SP207, SP208 and SP2 are multi-channel RS-232 line transceivers in a variety of
configurations to fit most communication needs. All models in this series feature low-power CMOS
construction and Exar Patented (5,306,954) on-board charge pump circuitry to generate the +/-0V
RS-232 voltage levels, using 0.µF charge pump capacitors to save board space and reduce circuit
cost. The SP206 and SP2 models feature a low-power shutdown mode which reduces power sup-
ply drain to  µA.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
T3 OUT
T1OUT
T2OUT
R1IN
R1OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1–
T4 OUT
R2IN
R2OUT
SD
EN
T4IN
T3IN
R3OUT
R3IN
V–
C2–
C2+
Model
Number of RS-232
No. of RX
active in
Shutdown
No. of External
0.
μF Capacitors Shutdown
WakeUp TTL Tri-State
Drivers Receivers
SP206
4
3
0
4
Yes
No
Yes
SP207
5
3
0
4
No
No
No
SP208
4
4
0
4
No
No
No
SP2
4
5
0
4
Yes
No
Yes
* All Driver Outputs and Receiver Inputs characterized per MIL-STD-883C Method 305.7
Table . Mode Selection Table
Now Available in Lead Free Packaging
Note: See page 4 for other pinouts


Similar Part No. - SP211

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP211 SIPEX-SP211 Datasheet
213Kb / 15P
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
SP211 SIPEX-SP211 Datasheet
263Kb / 16P
5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
SamHop Microelectronics...
SP2110 SAMHOP-SP2110 Datasheet
110Kb / 7P
Super high dense cell design for low RDS(ON).
logo
Exar Corporation
SP21111ECA-L EXAR-SP21111ECA-L Datasheet
1Mb / 19P
Low Power, High ESD 5V RS-232 Transceivers
SP21111ECT-L EXAR-SP21111ECT-L Datasheet
1Mb / 19P
Low Power, High ESD 5V RS-232 Transceivers
More results

Similar Description - SP211

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Exar Corporation
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com