Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3485 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP3485
Description  3.3V Low Power Half-Duplex RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3485 Datasheet(HTML) 2 Page - Exar Corporation

  SP3485 Datasheet HTML 1Page - Exar Corporation SP3485 Datasheet HTML 2Page - Exar Corporation SP3485 Datasheet HTML 3Page - Exar Corporation SP3485 Datasheet HTML 4Page - Exar Corporation SP3485 Datasheet HTML 5Page - Exar Corporation SP3485 Datasheet HTML 6Page - Exar Corporation SP3485 Datasheet HTML 7Page - Exar Corporation SP3485 Datasheet HTML 8Page - Exar Corporation SP3485 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000 • www.exar.com
SP3485_200_051916
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC.....................................................................+6.0V
Input Voltages
Logic....................................-0.3V to +6.0V
Drivers.................................-0.3V to +6.0V
Receivers.........................................+/-15V
Output Voltages
Drivers.............................................+/-15V
Receivers............................-0.3V to +6.0V
Storage Temperature.......................-65˚C to +150˚C
Power Dissipation
8-pin NSOIC...................................................600mW
(derate 6.90mW/ºC above +70ºC)
ELECTRICAL CHARACTERISTICS
T
AMB = TMIN to TMAX and VCC = +3.3V +/-5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
SP3485 DRIVER
DC Characteristics
Differential Output Voltage
GND
Vcc
Volts
Unloaded; R = ∞Ω ; Figure 1
Differential Output Voltage
2
Vcc
Volts
With Load; R = 50Ω (RS-422);
Figure 1
Differential Output Voltage
1.5
Vcc
Volts
With Load; R = 27Ω (RS-485);
Figure 1
Change in Magnitude of Driver
Differential Output Voltage for
Complimentary states
0.2
Volts
R = 27Ω or R = 50Ω; Figure 1
Driver Common Mode Output
Voltage
3
Volts
R = 27Ω or R = 50Ω; Figure 1
Input High Voltage
2.0
Volts
Applies to DE, DI, RE
Input Low Voltage
0.8
Volts
Applies to DE, DI, RE
Input Current
+/-10
µA
Applies to DE, DI, RE
Driver Short Circuit Current
V
OUT = HIGH
+/-250
mA
-7V ≤ V
O ≤ +12V; Figure 8
Driver Short Circuit Current
V
OUT = LOW
+/-250
mA
-7V ≤ V
O ≤ +12V; Figure 8
SP3485 DRIVER
AC Characteristics
Maximum Data Rate
10
Mbps
RE = V
CC, DE = VCC
Driver Input to Output, t
PLH
17
60
ns
Figures 2 & 9
Driver Input to Output, t
PHL
17
60
ns
Figures 2 & 9
Differential Driver Skew
2
10
ns
|t
DO1- tDO2|, Figures 2 and 10
Driver Rise or Fall Time
5
20
ns
From 10%-90%; Figures 3 and 10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com