Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3485 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP3485
Description  3.3V Low Power Half-Duplex RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3485 Datasheet(HTML) 1 Page - Exar Corporation

  SP3485 Datasheet HTML 1Page - Exar Corporation SP3485 Datasheet HTML 2Page - Exar Corporation SP3485 Datasheet HTML 3Page - Exar Corporation SP3485 Datasheet HTML 4Page - Exar Corporation SP3485 Datasheet HTML 5Page - Exar Corporation SP3485 Datasheet HTML 6Page - Exar Corporation SP3485 Datasheet HTML 7Page - Exar Corporation SP3485 Datasheet HTML 8Page - Exar Corporation SP3485 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000 • www.exar.com
SP3485_200_051916
DESCRIPTION
• RS-485 and RS-422 Transceiver
• Operates from a single +3.3V Supply
• Interoperable with +5.0V logic
• Driver/Receiver Enable
• -7V to +12V Common-Mode Input Voltage Range
• Allows up to 32 transceivers on the serial bus
• Compatibility with industry standard 75176 pinout
• Driver Output Short-Circuit Protection
SP3485
+3.3V Low Power Half-Duplex RS-485
Transceiver with 10Mbps Data Rate
The
SP3485 device is a +3.3V low power half-duplex transceiver that meets the specifica-
tions of the RS-485 and RS-422 serial protocols. This device is pin-to-pin compatible with
the
Exar SP481, SP483 and SP485 devices as well as popular industry standards. The
SP3485 can meet the electrical specifications of the RS-485 and RS-422 serial protocols
up to 10Mbps under load.


Similar Part No. - SP3485

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3485 SIPEX-SP3485 Datasheet
125Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Shanghai Leiditech Elec...
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Sipex Corporation
SP3485CN SIPEX-SP3485CN Datasheet
156Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3485CN SIPEX-SP3485CN Datasheet
125Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3485CNL EXAR-SP3485CNL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
More results

Similar Description - SP3485

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3483 SIPEX-SP3483 Datasheet
156Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
logo
Texas Instruments
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
HALF-DUPLEX RS-485 TRANSCEIVER
logo
Sipex Corporation
SP483E SIPEX-SP483E_05 Datasheet
83Kb / 11P
Enhanced Low EMI Half-Duplex RS-485 Transceiver
SP3483 SIPEX-SP3483_04 Datasheet
118Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
HALF-DUPLEX RS-485 TRANSCEIVER
logo
Exar Corporation
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
SP3483EN-L EXAR-SP3483EN-L Datasheet
564Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
logo
Texas Instruments
SN65HVD485E TI1-SN65HVD485E_15 Datasheet
1Mb / 29P
Half-Duplex RS-485 Transceiver
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
Half-Duplex RS-485 Transceiver
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
818Kb / 19P
Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com