Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4917MT/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM4917MT/NOPB
Description  Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4917MT/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4917MT/NOPB Datasheet HTML 1Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 2Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 3Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 4Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 5Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 6Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 7Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 8Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM4917
SNAS238G – AUGUST 2004 – REVISED MAY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Absolute Maximum Ratings
(1)
Supply Voltage
4.0V
Storage Temperature
−65°C to +150°C
Input Voltage
-0.3V to VDD + 0.3V
Power Dissipation(2)
Internally Limited
ESD Susceptibility(3)
2000V
ESD Susceptibility(4)
200V
Junction Temperature
150°C
θJC (TSSOP)
40°C/W
Thermal Resistance
θJA (TSSOP)
109°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not specify performance limits. Electrical Characteristics state DC and AC electrical specifications
under particular test conditions that ensure specific performance limits. This assumes that the device is within the Operating Ratings.
Specifications are not ensured for parameters where no limit is given; however, the typical value is a good indication of device
performance.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower. For the LM4917, see power de-rating currents for more information.
(3)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(4)
Machine Model, 220pF-240pF discharged through all pins.
Operating Ratings
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Temperature Range
Supply Voltage (VDD)
(1)
1.4V
≤ VCC ≤ 3.6V
(1)
If the product is in shutdown mode and VDD exceeds 3.6V (to a max of 4V VDD) then most of the excess current will flow through the
ESD protection circuits. If the source impedance limits the current to a max of 10mA, then the part will be protected. If the part is
enabled when VDD is above 4V circuit performance will be curtailed or the part may be permanently damaged.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com