Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4917MT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4917MT/NOPB
Description  Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4917MT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4917MT/NOPB Datasheet HTML 1Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 2Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 3Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 4Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 5Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 6Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 7Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 8Page - Texas Instruments LM4917MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM4917
www.ti.com
SNAS238G – AUGUST 2004 – REVISED MAY 2013
LM4917 Boomer™ Audio Power Amplifier Series Ground-Referenced, 95mW Stereo
Headphone Amplifier
Check for Samples: LM4917
1
FEATURES
DESCRIPTION
The LM4917 is a stereo, output capacitor-less
23
•
Ground Referenced Outputs
headphone amplifier capable of delivering 95mW of
•
High PSRR
continuous average power into a 16
Ω load with less
•
Available in Space-Saving TSSOP Package
than 1% THD+N from a single 3V power supply.
•
Ultra Low Current Shutdown Mode
The LM4917 provides high quality audio reproduction
•
Improved Pop and Click Circuitry eliminates
with
minimal
external
components.
A
ground
referenced output eliminates the output coupling
Noises During Turn-On and Turn-Off
capacitors typically required by single-ended loads,
Transitions
reducing component count, cost and board space
•
1.4 – 3.6V Operation
consumption. This makes the LM4917 ideal for
•
No Output Coupling Capacitors, Snubber
mobile phones and other portable equipment where
Networks, Bootstrap Capacitors
board space is at a premium. Eliminating the output
coupling capacitors also improves low frequency
•
Shutdown Either Channel Independently
response.
APPLICATIONS
The LM4917 operates from a single 1.4V to 3.6V
power supply, features low 0.02% THD+N and 70dB
•
Notebook PCs
PSRR.
Independent
right/left
channel
low-power
•
Desktop PCs
shutdown controls provide power saving flexibility for
•
Mobile Phone
mono/stereo applications. Superior click and pop
suppression eliminates audible transients during start
•
PDAs
up and shutdown. Short circuit and thermal overload
•
Portable Electronic Devices
protection protects the device during fault conditions.
KEY SPECIFICATIONS
•
Improved PSRR at 1kHz: 70dB (Typ)
•
Power Output at VDD = 3V, RL = 16Ω, THD ≦
≦
1%: 95mW (Typ)
•
Shutdown Current: 0.01µA (Typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4917MT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4917MT NSC-LM4917MT Datasheet
1Mb / 18P
Ground-Referenced, 95mW Stereo Headphone Amplifier
More results

Similar Description - LM4917MT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
Ground-Referenced, 95mW Stereo Headphone Amplifier
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
New Japan Radio
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
Ground Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com